Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9511 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9511
Description  DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9511 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9511 Datasheet HTML 1Page - STMicroelectronics TDA9511 Datasheet HTML 2Page - STMicroelectronics TDA9511 Datasheet HTML 3Page - STMicroelectronics TDA9511 Datasheet HTML 4Page - STMicroelectronics TDA9511 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 12V, VDD = 110V, Tamb =25
oC, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
High Supply Voltage (Pin 7)
20
110
V
VCC
Low Supply Voltage (Pin 2)
10
12
15
V
IDD
DC CurrentofHigh Voltage Supply
(without feedback current)
VOUT = 60V
9
mA
ICC
Low Voltage Supply Internal DC Current
15
mA
VREF
Internal Reference (Pin 3)
3.2
V
VIN
Input Voltage
VOUT = 60V
3.25
V
dVIN/dVCC Drift of Input Voltage versus VCC
Measured on Pin 1
0.12
%
dVIN/dT
Drift of Input Voltage versus Temperature
0.5
mV/
oC
VSATH
High Output Saturation Voltage (Pin 6)
IO = -60mA
VDD - 8.5
V
VSATL
Low Output Saturation Voltage (Pin 6)
IO = 60mA
12
V
ELin
Linearity Error
17V < VOUT <VDD - 15V
5
%
OS
Overshoot
5%
BW
Bandwidth at -3dB
Measured on CRT cathodes.
CLOAD = 10pF, Rprotect = 220
Ω,
VOUT= 60V,
∆VOUT = 20VPP,
Feedback gain = 20
40
MHz
tR,tF
Rise and Fall Time
Measured between 10% & 90%
of output pulse,
CLOAD = 10pF, Rprotect = 220
Ω,
VOUT = 60V,
∆VOUT = 40VPP
9ns
GO
Open Loop Gain
VOUT = 60V
60
dB
Open Loop Gain Temperature
Coefficient
0.03
dB/
oC
IIB
Input Bias Current (Pin 1)
VOUT = 60V
20
30
µA
Input Bias Temperature Coefficient
90
nA/
oC
RIN
Input Resistance
See Note 2
200
k
Note 2 : Characterized and not tested.
R1
R2
V
OUT
V
IN =
V
OUT
(1 + R2/R1)
V
IN
Figure 1 : Measurement of Input Voltage
TDA9511
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com