Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9511 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9511
Description  DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9511 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9511 Datasheet HTML 1Page - STMicroelectronics TDA9511 Datasheet HTML 2Page - STMicroelectronics TDA9511 Datasheet HTML 3Page - STMicroelectronics TDA9511 Datasheet HTML 4Page - STMicroelectronics TDA9511 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V
DD
V
CC
2
3
6
7
C
F
R
F
R3
R2
R1
1
IN
4
5
C
LOAD
V
IN
V
OUT
V
OUT
t
D
P
C3
C4
R
P
Figure 2 : Typical Evaluation Schematic
TYPICAL APPLICATION
The TDA9511 consists of :
- A differential amplifier with active load,
- A DMOS output buffer,
- Abandgapvoltage reference(Pin 3 for filtering only).
PC board lay-out
The best performances are obtained with a care-
fully designed HF PC-Board, especially for the
output and input capacitors.
The feedback resistor RF must have a low parasitic
capacitor (CF < 0.3pF).
This parasitic capacitor CF must be compensated
by a capacitor R3 (roughly 20
⋅ CF) connected in
parallel with the input resistor R1.
The full bandwidth of the device is only obtained
with well matched compensation otherwise the
application will have either an integrator response
with a low bandwidth or a differentiator response
with too much ringing.
A diode DP (see Figure 2) has to be connected for
flashover protection.
Power dissipation
The power dissipation consists of a static part and
a dynamic part. The static dissipation varies with
the output voltage and the feedback resistor. The
dynamic power dissipation increases with the pixel
frequency.
For a signal frequency of 40MHz and 40VPP output
signal, the typical power dissipation is about 3.0W,
for VDD = 110V.
In first approximation, the dynamic dissipation is :
PD =VDD *CLOAD *
∆VOUT *f
and the total dissipation is :
P= VDD *CLOAD *
∆VOUT *f + VDD *IDD
+VCC *ICC -(VDD -VOUT
_____
)
VOUT
_____
RFEEDBACK
with f = pixel frequency
P = 110V x 10pF x 40V x 40MHz + 110V x 7mA
+12 x 20mA - 60
2V/20k
Ω = 2.95W
Recommended values :
R1 = 1k
Ω, R2 = 1.8kΩ,RF = 20kΩ,RP = 200Ω,
C4 > 10nF, C3 = 10 to 12pF for CF # 0.5pF.
R3 # 150
Ω.
TDA9511
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com