Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA13 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P6KA13
Description  Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA13 Datasheet(HTML) 3 Page - Vishay Siliconix

  P6KA13 Datasheet HTML 1Page - Vishay Siliconix P6KA13 Datasheet HTML 2Page - Vishay Siliconix P6KA13 Datasheet HTML 3Page - Vishay Siliconix P6KA13 Datasheet HTML 4Page - Vishay Siliconix P6KA13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6KA6.8 thru P6KA43A
Vishay General Semiconductor
Document Number: 88368
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
P6KA6.8AHE3/54 (1)
0.415
54
4000
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
100
10
1
0.1
td - Pulse Width (s)
1.0 ms
10 ms
10 µs
100 µs
0.1 µs
1.0 µs
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Typical Junction Capacitance
0
50
100
150
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
t
d
10/1000 µs Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t - Time (ms)
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
6000
1000
100
10
VBR - Breakdown Voltage (V)
10
1.0
100
200
Measured at
Zero Bias
Measured at Stand-Off
Voltage, V
WM
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com