Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA13 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P6KA13
Description  Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA13 Datasheet(HTML) 1 Page - Vishay Siliconix

  P6KA13 Datasheet HTML 1Page - Vishay Siliconix P6KA13 Datasheet HTML 2Page - Vishay Siliconix P6KA13 Datasheet HTML 3Page - Vishay Siliconix P6KA13 Datasheet HTML 4Page - Vishay Siliconix P6KA13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6KA6.8 thru P6KA43A
Vishay General Semiconductor
Document Number: 88368
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Automotive Transient Voltage Suppressors
High Temperature Stability and High Reliability Conditions
FEATURES
• Patented PAR® construction
• Available in uni-directional polarity only
• 600 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive, and
telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated
junction
Molding compound meets UL 94 V-0 flammability
rating
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
VBR
6.8 V to 43 V
PPPM
600 W
PD
5.0 W
IFSM
75 A
TJ max.
185 °C
DO-204AC (DO-15)
Patented*
*Patent#'s
4,980,315
5,166,769
5,278,094
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 per minute maximum
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs (1) (Fig. 1)
PPPM
600
W
Pulse pulse current with a 10/1000 µs waveform (1) (Fig. 3)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
5.0
W
Peak forward surge current, 8.3 ms single half sine-wave (2)
IFSM
75
A
Maximum instantaneous forward voltage at 50 A (2)
VF
3.5
V
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 185
°C


Similar Part No. - P6KA13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P6KA13 VISHAY-P6KA13 Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
P6KA13 VISHAY-P6KA13 Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
P6KA13A VISHAY-P6KA13A Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
P6KA13A VISHAY-P6KA13A Datasheet
86Kb / 5P
PAR Transient Voltage Suppressors
09-Feb-11
More results

Similar Description - P6KA13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KA6.8 VISHAY-1.5KA6.8 Datasheet
67Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P6KA VISHAY-P6KA Datasheet
29Kb / 3P
Automotive Transient Voltage Suppressors
06-May-02
1.5KA30A VISHAY-1.5KA30A Datasheet
39Kb / 3P
Automotive Transient Voltage Suppressors
08-Oct-02
P4KA6.8 VISHAY-P4KA6.8 Datasheet
36Kb / 3P
Automotive Transient Voltage Suppressors
03-May-02
6KA24 VISHAY-6KA24 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
1.5KA6.8 VISHAY-1.5KA6.8_08 Datasheet
102Kb / 5P
Automotive Transient Voltage Suppressors
20-Oct-08
P4KA6.8 VISHAY-P4KA6.8_08 Datasheet
99Kb / 5P
Automotive Transient Voltage Suppressors
21-Oct-08
logo
Shenzhen Taychipst Elec...
TMPG06-6.8 TAYCHIPST-TMPG06-6.8 Datasheet
13Mb / 3P
Automotive Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
SM8S33 LUGUANG-SM8S33 Datasheet
81Kb / 4P
Automotive Transient Voltage Suppressors
SM5S10 LUGUANG-SM5S10 Datasheet
49Kb / 3P
Automotive Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com