Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KA13 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P6KA13
Description  Automotive Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA13 Datasheet(HTML) 4 Page - Vishay Siliconix

  P6KA13 Datasheet HTML 1Page - Vishay Siliconix P6KA13 Datasheet HTML 2Page - Vishay Siliconix P6KA13 Datasheet HTML 3Page - Vishay Siliconix P6KA13 Datasheet HTML 4Page - Vishay Siliconix P6KA13 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P6KA6.8 thru P6KA43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88368
Revision: 20-Oct-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Power Derating Curve
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
6
5
4
3
2
1
0
0
25
50
75
100
125
150
175
200
Figure 6. Maximum Non-Repetitive Forward Surge Current
Number of Cycles at 60 HZ
10
100
10
100
200
1
T
L = 75 °C
8.3 ms Single Half Sine-Wave
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com