Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9536 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA9536
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9536 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA9536 Datasheet HTML 1Page - STMicroelectronics TDA9536 Datasheet HTML 2Page - STMicroelectronics TDA9536 Datasheet HTML 3Page - STMicroelectronics TDA9536 Datasheet HTML 4Page - STMicroelectronics TDA9536 Datasheet HTML 5Page - STMicroelectronics TDA9536 Datasheet HTML 6Page - STMicroelectronics TDA9536 Datasheet HTML 7Page - STMicroelectronics TDA9536 Datasheet HTML 8Page - STMicroelectronics TDA9536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TDA9536
2/9
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
High Supply Voltage
120
V
VCC
Low Supply Voltage
17
V
VESD
ESD Susceptibility
Human Body Model, 100pF. Discharge through 1.5K
EIAJ Norm, 200pF. Discharge through 0
2
250
kV
V
IOD
Output Source Current (pulsed < 50
µs)
80
mA
IOG
Output Sink Current (pulsed < 50
µs)
80
mA
VIMax
Maximum Input Voltage
15
V
VI Min
Minimum Input Voltage
- 0.5
V
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-20 + 150
°C
TDA9536
37
9
10
11
6
5
2
1
4
8
OUT3 GND3
GND2
OUT2
GND1
OUT1
VDD
VCC
IN3
IN2
IN1
Vref
Vref
Vref
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com