Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9536 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA9536
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9536 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA9536 Datasheet HTML 1Page - STMicroelectronics TDA9536 Datasheet HTML 2Page - STMicroelectronics TDA9536 Datasheet HTML 3Page - STMicroelectronics TDA9536 Datasheet HTML 4Page - STMicroelectronics TDA9536 Datasheet HTML 5Page - STMicroelectronics TDA9536 Datasheet HTML 6Page - STMicroelectronics TDA9536 Datasheet HTML 7Page - STMicroelectronics TDA9536 Datasheet HTML 8Page - STMicroelectronics TDA9536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2000
1/9
This is preliminary information on a new product now in development. Details are subject to change without notice.
Version 3.2
TDA9536
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PRELIMINARY DATA
FEATURE
s
TRIPLE CHANNEL VIDEO AMPLIFIER
s
SUPPLY VOLTAGE: 110V TYPICAL
s
RISE AND FALL TIMEs: 7.5ns TYPICAL
s
BANDWIDTH: 50Mhz TYPICAL
s
80 VOLTS OUTPUT DYNAMIC RANGE
s
LOW POWER CONSUMPTION
s
WELL MATCHED WITH TDA9210 PREAMP
s
FULL PIN COMPATIBILITY WITH TDA9535
DESCRIPTION
The TDA9536 is a triple video amplifier with high
voltage Bipolar/CMOS/DMOS technology (BCD)
for use in color monitor application. Used with
TDA9210 preamp in DC coupled mode, it
provides for a low component, high performance
and cost effective system solution. Other features
include
1024
x
768
displays,
pixelclock
frequencies up to 100MHz, and DC or AC
coupling designs.
PIN CONNECTIONS
CLIPWATT 11
ORDER CODE: TDA9536
(Plastic Package)
OUT3
GND3
IN3
VCC
IN2
GND2
OUT2
VDD
IN1
GND1
OUT1
1
2
3
4
5
6
7
8
9
10
11
1


Similar Part No. - TDA9536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9530 STMICROELECTRONICS-TDA9530 Datasheet
145Kb / 8P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9533 STMICROELECTRONICS-TDA9533 Datasheet
183Kb / 8P
7.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
TDA9535 STMICROELECTRONICS-TDA9535 Datasheet
144Kb / 9P
9.5NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Mar-2000
More results

Similar Description - TDA9536

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
Monolithic Triple 7.5 ns CRT Driver
logo
STMicroelectronics
TDE0160 STMICROELECTRONICS-TDE0160 Datasheet
180Kb / 8P
7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
Apr-1993
STV9556 STMICROELECTRONICS-STV9556 Datasheet
698Kb / 24P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9555 STMICROELECTRONICS-STV9555 Datasheet
698Kb / 24P
9.5 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Sep-2003
STV9553 STMICROELECTRONICS-STV9553 Datasheet
444Kb / 24P
12 ns TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
Feb-2002
TDA9556 STMICROELECTRONICS-TDA9556 Datasheet
297Kb / 15P
7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
14-Sep-2000
logo
Texas Instruments
LM2466 TI1-LM2466 Datasheet
1Mb / 14P
Monolithic Triple 7.5 ns CRT Driver
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
Monolithic Triple 7.5 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com