Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9536 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9536
Description  7.5 NS TRIPLE HIGH VOLTAGE VIDEO AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9536 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9536 Datasheet HTML 1Page - STMicroelectronics TDA9536 Datasheet HTML 2Page - STMicroelectronics TDA9536 Datasheet HTML 3Page - STMicroelectronics TDA9536 Datasheet HTML 4Page - STMicroelectronics TDA9536 Datasheet HTML 5Page - STMicroelectronics TDA9536 Datasheet HTML 6Page - STMicroelectronics TDA9536 Datasheet HTML 7Page - STMicroelectronics TDA9536 Datasheet HTML 8Page - STMicroelectronics TDA9536 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TDA9536
3/9
THERMAL DATA
ELECTRICAL CHARACTERISTICS
(VCC = 12V, VDD = 110V, Tamb = 25
°C)
Note: 1
Pulsed current width < 50
µs
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-Case Thermal Resistance (Max.)
3
°C/W
Rth (j-a)
Junction-Ambient Thermal Resistance (Typ.)
35
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD
High Supply Voltage (Pin 4)
110
115
V
VCC
Low Supply Voltage (Pin 8)
10
12
15
V
IDD
ICC
High Voltage Supply Internal DC
Current
Low Voltage Supply Internal DC
Current
VOUT = 50V
25
60
mA
mA
dVOUT/dVDD
High Voltage Supply Rejection
VOUT = 50V
0.5
%
dVOUT/dTemp
Output Voltage Drift Versus
Temperature for any Channel
VOUT = 80V
15
mV/
°C
VOUT SATH
VOUT SATL
Max. Output Voltage
Min. Output Voltage
I0 =-60mA, (1)
I0 =60mA, (1)
VDD - 6.5
11
V
V
AVR
Typical Video Gain
VOUT = 50V
20
Elin
Linearity Error
17<VOUT<VDD-15V
5
8
%
OS
Overshoot
5
%
Lf ∆g/g
Low Frequency Gain Matching
VOUT = 50V,
f=1MHz
5%
RIN
Video Input Resistor
VOUT = 50V
2
K
Ω
BW
Bandwidth at -3dB
VOUT=50V,
CLOAD=8pF
RP=200Ω,
∆V
OUT=20V
50
MHz
tR, tF
Rise and Fall Time
VOUT=50V,
CLOAD=8pF
RP=200Ω,
∆V
OUT=40V
7.5
ns
Lf CT
Hf CT
Low Frequency Crosstalk
High Frequency Crosstalk
VOUT=50V,
CLOAD=8pF
RP=200Ω,
∆V
OUT=20V
f = 1 MHz
f = 20MHz
50
32
dB
dB
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com