Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE3237 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE3237
Description  INTELLIGENT POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE3237 Datasheet(HTML) 1 Page - STMicroelectronics

  TDE3237 Datasheet HTML 1Page - STMicroelectronics TDE3237 Datasheet HTML 2Page - STMicroelectronics TDE3237 Datasheet HTML 3Page - STMicroelectronics TDE3237 Datasheet HTML 4Page - STMicroelectronics TDE3237 Datasheet HTML 5Page - STMicroelectronics TDE3237 Datasheet HTML 6Page - STMicroelectronics TDE3237 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDE3237
INTELLIGENT POWER SWITCH
ADVANCE DATA
HIGH OUTPUT CURRENT
ADJUSTABLE SHORT-CIRCUIT PROTECTION
INTERNAL THERMAL PROTECTION WITH
HYSTERESIS TO AVOID THE INTERMEDI-
ATE OUTPUT LEVELS
LARGE SUPPLY VOLTAGE RANGE: 8 TO 30V
DESCRIPTION
The TDE3237 is a monolithic amplifier designed
for high-current and high-voltage applications,
specIally to drive lamps, relays and stepping mo-
tors.
The device is essentially blow-out proof. Current
limiting is available to limit the peak output current
to a safe value, the adjustment only requires one
external resistor. In addition, thermal shut down is
provided to keep the IC from overheating. If exter-
nal dissipation becomes too great, the driver will
shut down to prevent excessive heating.
The output is also protected from short-circuits
with the positive power supply.
The device operates over a wide range of supply
voltages from standard
±15V operational amplifier
supplies down to the single 12V or 24V used for
industrial electronic systems.
November 1991
T
is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PIN CONNECTIONS
Minidip
SO14
ORDERING NUMBERS:
TDE3237DP
TDE3237FP
Minidip
SO14
1/7


Similar Part No. - TDE3237

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDE3207 ETC-TDE3207 Datasheet
276Kb / 1P
LAMP AND RELAY DRIVERS
logo
STMicroelectronics
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
TDE3247FP STMICROELECTRONICS-TDE3247FP Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
TDE3247FPT STMICROELECTRONICS-TDE3247FPT Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
More results

Similar Description - TDE3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1707 STMICROELECTRONICS-TDE1707 Datasheet
93Kb / 6P
INTELLIGENT POWER SWITCH
Jul-1992
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
50Kb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
0.5A INTELLIGENT POWER SWITCH
Nov-1991
TDE1708DFT STMICROELECTRONICS-TDE1708DFT Datasheet
162Kb / 14P
Intelligent power switch
Jan-2007
logo
International Rectifier
IPS6011PBF IRF-IPS6011PBF Datasheet
655Kb / 13P
INTELLIGENT POWER HIGH SIDE SWITCH
logo
STMicroelectronics
TDE1707BFP STMICROELECTRONICS-TDE1707BFP Datasheet
1Mb / 6P
INTELLIGENT POWER SWITCH
Sep-2003
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
0.5A INTELLIGENT POWER SWITCH
Sep-2003
logo
International Rectifier
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
INTELLIGENT POWER LOW SIDE SWITCH
AUIPS6011 IRF-AUIPS6011_15 Datasheet
1Mb / 17P
INTELLIGENT POWER HIGH SIDE SWITCH
AUIPS6041 IRF-AUIPS6041_15 Datasheet
1Mb / 20P
INTELLIGENT POWER HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com