Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE3237 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDE3237
Description  INTELLIGENT POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE3237 Datasheet(HTML) 2 Page - STMicroelectronics

  TDE3237 Datasheet HTML 1Page - STMicroelectronics TDE3237 Datasheet HTML 2Page - STMicroelectronics TDE3237 Datasheet HTML 3Page - STMicroelectronics TDE3237 Datasheet HTML 4Page - STMicroelectronics TDE3237 Datasheet HTML 5Page - STMicroelectronics TDE3237 Datasheet HTML 6Page - STMicroelectronics TDE3237 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
36
V
VID
Differantial Input Voltage
36
V
VI
Input Voltage
36
V
IO
Output Current
500
mA
Ptot
Power Dissipation
Internally Limited
W
Tstg
Storage Temperature Range
– 65 to + 150
°C
Toper
Operating Free-air Temperature Range
– 25 to + 85
°C
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth(j-c)
Maximum Junction-case Thermal Resistance (note 1)
Minidip
50
°C/W
Rth(j-a)
Maximum Junction-ambient Thermal Resistance (note 1)
Minidip
120
°C/W
Junction-ceramic Substrate (case glued to substrate)
SO14
90
°C/W
Junction-ceramic Substrate (case glued to substrate, substrate temperature
maintened constant)
SO14
65
°C/W
Note :
1. Devices bonded on 40 cm glass-epoxy printed circuit 0.15cm thick with 4cm
2 of copper
SCHEMATIC DIAGRAM
TDE3237
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com