Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDE3237 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE3237
Description  INTELLIGENT POWER SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE3237 Datasheet(HTML) 3 Page - STMicroelectronics

  TDE3237 Datasheet HTML 1Page - STMicroelectronics TDE3237 Datasheet HTML 2Page - STMicroelectronics TDE3237 Datasheet HTML 3Page - STMicroelectronics TDE3237 Datasheet HTML 4Page - STMicroelectronics TDE3237 Datasheet HTML 5Page - STMicroelectronics TDE3237 Datasheet HTML 6Page - STMicroelectronics TDE3237 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS Tamb = – 25 to +85
°C, VCC =8 to ≤30 V, unless otherwise speci-
fied (note 1).
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage - (note 3)
–
2
50
mV
IIB
Input Bias Current
–
0.1
1.5
µA
ICC
Supply Current (VCC = + 24 V, IO = 0)
–35
mA
VCM
Common-mode Input Voltage Range
2
–
VCC–2
V
ISC
Short-circuit Current Limit (Tcase =+25
°C, RSC = 3.3 Ω )
–
230
–
-mA
VCC–VO
Output Saturation Voltage (output high)
(RSC =0, VI+–VI–
≥ 50 mV, IO = 150 mA
–
1
1.5
V
IOL
Low Level Output Current
(VO =VCC =+ 24 VTamb =+ 25
°C)
–
–
100
µA
Notes :
2) For operating at high temperature, the TDE3237, must be derated based on a + 150 C maximum junction temperature and a junction-ambient
thermal as showed in the thermal characteristics data base.
3) The offset voltage given is the maximum value of input voltage required to drive the output voltage within 2 V of the ground or the supply
voltage.
SIMPLIFIED SCHEMATIC
TDE3237
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com