Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1779A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDF1779A
Description  DUAL 2-A SOURCE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779A Datasheet(HTML) 1 Page - STMicroelectronics

  TDF1779A Datasheet HTML 1Page - STMicroelectronics TDF1779A Datasheet HTML 2Page - STMicroelectronics TDF1779A Datasheet HTML 3Page - STMicroelectronics TDF1779A Datasheet HTML 4Page - STMicroelectronics TDF1779A Datasheet HTML 5Page - STMicroelectronics TDF1779A Datasheet HTML 6Page - STMicroelectronics TDF1779A Datasheet HTML 7Page - STMicroelectronics TDF1779A Datasheet HTML 8Page - STMicroelectronics TDF1779A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDF1779A
April 1993
DUAL 2-A SOURCE DRIVER
.
OUTPUT CURRENT UP TO 2.5 A
.
WIDE RANGE OF SUPPLY VOLTAGE : + 8 V
TO + 26 V
.
CAN WITHSTAND OVERVOLTAGES OF AS
HIGH AS 60 V BETWEEN VCC AND GROUND
.
OUTPUT VOLTAGE CAN SWING TO LOWER
THAN GROUND
.
”SENSE” AND ”ALARM” OUTPUTS ARE OPEN
COLLECTOR OUTPUTS
DESCRIPTION
The TDF1779A is a dual source driver delivering
hihg outputcurrents and the capabilityto drive highly
inductive loads (Electrovalves, contractors, re-
lays...).
This device is essentially blow-out proof, each out-
put is protected against short-circuits. If internal dis-
sipation becomes too high, drivers will shut down to
prevent excessive heating. An ”ALARM” output is
provided to indicate the action of the thermal protec-
tion. To reactivate the power outputs, the reset input
must be forced to low state.
”SENSE” information of both power outputs are
ORed together and then processed internally.
A ”STROBE” input is also provided to offer the pos-
sibility of disabling the power outputs.
MULTIWATT-11
ORDERING NUMBER : TDE 1779ASP
Tab is connected to pin 6
1 - Output 1
2- VCC
3 - Output 2
4 - N.C.
5 - Strobe
6 - Ground
7 - Input 2
8 - Sense output
9 - Alarm output
10 - Reset input
11 - Input 1
PIN CONNECTION
1/9


Similar Part No. - TDF1779A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDF1778 STMICROELECTRONICS-TDF1778 Datasheet
132Kb / 10P
DUAL 2-A SOURCE DRIVER
Apr-1993
TDF1778SP STMICROELECTRONICS-TDF1778SP Datasheet
132Kb / 10P
DUAL 2-A SOURCE DRIVER
Apr-1993
More results

Similar Description - TDF1779A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
UNIVERSAL SOURCE DRIVER
logo
STMicroelectronics
TDF1778 STMICROELECTRONICS-TDF1778 Datasheet
132Kb / 10P
DUAL 2-A SOURCE DRIVER
Apr-1993
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
8CH SOURCE DRIVER
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301 Datasheet
67Kb / 6P
Dual Low Dropout Voltage LED Driver/Current Source
July, 2006 ??Rev. P3
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Toshiba Semiconductor
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
8CH SOURCE DRIVER
logo
Analog Devices
ADP3629 AD-ADP3629 Datasheet
368Kb / 16P
High Speed, Dual, 2 A MOSFET Driver
REV. 0
logo
National Instruments Co...
NIPXI-4130 NI-NIPXI-4130 Datasheet
243Kb / 6P
20 V, 2 A Source Measure Unit
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
Dual Power Source Gate Driver
logo
Diodes Incorporated
AL3644 DIODES-AL3644 Datasheet
792Kb / 23P
DUAL 1.5A CURRENT SOURCE CAMERA FLASH LED DRIVER
July 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com