Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1779 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDF1779
Description  DUAL 2-A SOURCE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779 Datasheet(HTML) 7 Page - STMicroelectronics

  TDF1779 Datasheet HTML 1Page - STMicroelectronics TDF1779 Datasheet HTML 2Page - STMicroelectronics TDF1779 Datasheet HTML 3Page - STMicroelectronics TDF1779 Datasheet HTML 4Page - STMicroelectronics TDF1779 Datasheet HTML 5Page - STMicroelectronics TDF1779 Datasheet HTML 6Page - STMicroelectronics TDF1779 Datasheet HTML 7Page - STMicroelectronics TDF1779 Datasheet HTML 8Page - STMicroelectronics TDF1779 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TDF1779A HIGHT CURRENT APPLICATION WITH LOAD 12 V - 4 A
Load : RC =3
Ω
The external Zener diode must dissipate the power stored in the inductance Lc.
R1min = VCC/4 mA, R2min = VCC/4 mA, Rmax = VCC/2 mA.
MAIN FEATURES
This application has the same features as the dual 2 A - 12 V application.
TDF1779A
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com