Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1779 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDF1779
Description  DUAL 2-A SOURCE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779 Datasheet(HTML) 3 Page - STMicroelectronics

  TDF1779 Datasheet HTML 1Page - STMicroelectronics TDF1779 Datasheet HTML 2Page - STMicroelectronics TDF1779 Datasheet HTML 3Page - STMicroelectronics TDF1779 Datasheet HTML 4Page - STMicroelectronics TDF1779 Datasheet HTML 5Page - STMicroelectronics TDF1779 Datasheet HTML 6Page - STMicroelectronics TDF1779 Datasheet HTML 7Page - STMicroelectronics TDF1779 Datasheet HTML 8Page - STMicroelectronics TDF1779 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL OPERATING CHARACTERISTICS
(VCC = + 24V, –40
oC< Tj <+85oC, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply Voltage
8
-
26
V
ICC
Power Supply Current (pin 6), IO1 =IO2 =2A
-
-
20
mA
VIL
VIH
Logic Input Voltage (pin 7,10,11)
-
2
-
-
0.8
-
V
VI
Logic Input Threshold (pin 5)
-
0.8
-
V
IIH
High Level Input Current (pins 7,10,11) VI = + 2V
-
20
50
µA
IIL
Low Level Input Current (pins 7,10,11) VI = + 0.8V
– 5
0
+ 5
µA
-
Off State Output Voltage (pins 8,9) |(8) = |(9) = 2 mA
-
-
0.4
V
VCC –V01
VCC –V02
Output Saturation Voltage (V(7) high, V(11) High, IO = 2A)
-
1.5
1.8
V
IOL
Low Level Output Current pins 1,3)
V(7) Low, V(11) Low, VO =0V
-
400
1000
µA
VCC –V01
VCC –V02
Switch-off Output Voltage (inductive load) Note 1
-
-
45
V
IO1, IO2
Available Ouptut Current (pins 1,3), V(7) high, V(11p) high,
VCC –VO = 26V, Tj =25
°C
10
-
-
mA
IO Alarme
Available ”Alarme” Output Current, V(9) = + 4V
4
8
-
mA
IO Sense
Available ”Sense Ouptut Current, V(8) = + 4V
4
8
-
mA
IIH Sense
Output Sensing high Level Input Current (pins 1,3) VI = +2V
-
1
2
mA
Note 1 : An external discharge circuit is required for inductive loads
TDF1779A
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com