Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF1779 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDF1779
Description  DUAL 2-A SOURCE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDF1779 Datasheet(HTML) 6 Page - STMicroelectronics

  TDF1779 Datasheet HTML 1Page - STMicroelectronics TDF1779 Datasheet HTML 2Page - STMicroelectronics TDF1779 Datasheet HTML 3Page - STMicroelectronics TDF1779 Datasheet HTML 4Page - STMicroelectronics TDF1779 Datasheet HTML 5Page - STMicroelectronics TDF1779 Datasheet HTML 6Page - STMicroelectronics TDF1779 Datasheet HTML 7Page - STMicroelectronics TDF1779 Datasheet HTML 8Page - STMicroelectronics TDF1779 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TYPICAL APPLICATION WITH TDF1779A TWO LOADS 12 V - 2 A
Load : RC =6
Ω
The external Zener diode must dissipate the power stored in the inductance LC.
R1min = VCC/4 mA, R2min = VCC/4 mA, Rmax = VCC/1 mA.
MAIN FEATURES
This application is protected against for short circuit and overload.
The load disconnection is detected when inputs E1 and E2 are low and the sense output is high.
When thermal protection is actived the pin 9 is low. Inputs are TTL compatible.
Sense output, Alarm output are open collector.
TDF1779A
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com