Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2018A Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA2018A
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2018A Datasheet(HTML) 2 Page - STMicroelectronics

  TEA2018A Datasheet HTML 1Page - STMicroelectronics TEA2018A Datasheet HTML 2Page - STMicroelectronics TEA2018A Datasheet HTML 3Page - STMicroelectronics TEA2018A Datasheet HTML 4Page - STMicroelectronics TEA2018A Datasheet HTML 5Page - STMicroelectronics TEA2018A Datasheet HTML 6Page - STMicroelectronics TEA2018A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MONITORING
VCC
FLIP-FLOP
&
&
Ic
RECOPY
DELAY
500ns
1
THERMAL
SHUTDOWN
-1V
VOLTAGE
LIMITATION
OSCILLATOR
1
8
2.4V
7
3
COMPARATOR
INTERNAL
BIAS
VCC
”Good”
V REF
2.4V
6
1
5
4
2
DEMAGNETIZATION
SENSING
Undervoltage
0.1V
OUTPUT
GROUND
I
SENSE
V
CC
RC t
t
I
S
V
CC
G
≅ 50
MAXIMUM
DUTY CYCLE
70%
TEA2018A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC+
Positive Supply Voltage
15
V
VCC-
Negative Supply Voltage
-5
V
IO(peak)
Peak Output Current (duty cycle < 5%)
±1A
II
Input Current (Pin 3)
±5mA
Tj
Junction Temperature
+150
oC
Toper
Operating Ambient Temperature Range
-20, +70
oC
Tstg
Storage Temperature Range
-40, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
80
oC/W
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =25
oC, potentials referenced to ground (unless otherwise specified) (see test circuit)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC+
Positive Supply Voltage
6.6
8
15
V
VCC-
Negative Supply Voltage
-1
-3
-5
V
VCC(start)
Minimum Positive Supply Voltage required for starting (VCC+ rising)
6
6.6
V
VCC(stop)
Minimum Positive Voltage below wich device stops operating (VCC+ falling)
4.2
4.9
5.6
V
TEA2018A
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com