Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2018A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA2018A
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2018A Datasheet(HTML) 3 Page - STMicroelectronics

  TEA2018A Datasheet HTML 1Page - STMicroelectronics TEA2018A Datasheet HTML 2Page - STMicroelectronics TEA2018A Datasheet HTML 3Page - STMicroelectronics TEA2018A Datasheet HTML 4Page - STMicroelectronics TEA2018A Datasheet HTML 5Page - STMicroelectronics TEA2018A Datasheet HTML 6Page - STMicroelectronics TEA2018A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL OPERATING CHARACTERISTICS
Tamb =25
oC, potentials referenced to ground (unless otherwise specified) (see test circuit)
Symbol
Parameter
Min.
Typ.
Max.
Unit
∆VCC+
Hysteresis on VCC+ Threshold
0.7
1.1
1.6
V
ICC(sb)
Stand-by Supply Current before starting (VCC+< VCC(start))
1
1.6
mA
Vth(IC)
Current Limitation Threshold Voltage (Pin 3)
-1100 -1000
-880
mV
R(IC)
Collector Current Sensing Input Resistance
1000
Ω
V7(th)
Demagnetization Sensing Threshold
75
100
125
mV
IS
Demagnetization Sensing Input Current (Pin 7 = 0V)
1
µA
τmax
Maximum Duty Cycle
60
70
%
AV
Error Amplifier Gain
50
II+
Error Amplifier Input Current (non-inverting input)
2
µA
VREF
Internal Reference Voltage
2.3
2.4
2.5
V
∆VREF
∆T
Reference Voltage Temperature Drift
10
-4
V/
oC
tOSC
Oscillator Free-running Period ( R = 59k
Ω, C = 1.2nF)
44
48
52
µs
∆fOSC
∆T
Oscillator Frequency Drift with Temperature (VCC+ = +8V)
0.05
%/
oC
∆fOSC
∆VCC
Oscillator Frequency Drift with VCC+ (+8V < VCC+ < +14V)
0.5
%/V
ton(min)
Minimum Conducting Time (Ct = 1nF)
2
µs
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC+
Positive Supply Voltage
8
V
VCC-
Negative Supply Voltage
-3
V
IO
Output Current
0.5
A
foper
Operating Frequency
30
kHz
8765
4
3
2
1
TEA2018A
22nF
1.2nF
1%
4.7nF
V8
V7
V6
V1
V3
V4
470nF
22nF
22nF
1%
10
Ω
470
Ω
100
Ω
59k
Ω
TEST CIRCUIT
TEA2018A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com