Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA2018A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA2018A
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2018A Datasheet(HTML) 4 Page - STMicroelectronics

  TEA2018A Datasheet HTML 1Page - STMicroelectronics TEA2018A Datasheet HTML 2Page - STMicroelectronics TEA2018A Datasheet HTML 3Page - STMicroelectronics TEA2018A Datasheet HTML 4Page - STMicroelectronics TEA2018A Datasheet HTML 5Page - STMicroelectronics TEA2018A Datasheet HTML 6Page - STMicroelectronics TEA2018A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GENERAL DESCRIPTION
(see application note AN-086)
Operating Principles (Figure 1)
On every period, the beginning of the conduction
time of the transistor is triggered by the fall of the
oscillator sawtooth which acts as clock signal. The
period Tosc is given by : Tosc
≅ 0.66 Ct (Rt + 200)
(Tosc in seconds, Ct in Farad, Rt in
Ω)
The end of the conduction time is determined by a
signal issued from comparing the following sig-
nals :
a) the sawtooth waveform representing the
collector current of the switching transistor,
sampled across the emitter shunt resistor,
b) the output of the error amplifier.
Base Drive
- Fast turn-on : On each period, a current pulse
ensures fast transistor switch-on.
This pulse performs also the ton(min) function at
the beginning of the conduction.
- Proportional base drive : In order to save power,
the positive base current after the starting pulse
becomes an image of the collector current.
The ratio
IC
IB
is programmed as follows Figure 2) :
IC
IB
=
RB
Re
- Efficient and fast switch-off : When the positive
base drive is removed, 1ms (typically) will elapse
before the application of negative current there-
fore allowing a safe and rapid collector current
fall.
Safety Functions
- Overload & short-circuit protection : When the
voltage applied to pin 3 exceeds the current
limitation threshold voltage [Vth(Ic)], the output
flip-flop is reset and the transistor is turned off.
The shunt resistor Re must be calculated so as to
obtain the current limitation threshold on pin 3 at
the maximum allowable collector current.
- Demagnetization sensing : This function disables
any new conduction cycle of the transistor as long
as the core is not completely demagnetized.
When not used, pin 7 must be grounded.
-ton(max) : Outside the regulation area and in the
absence of current limitation, the maximum con-
duction time is set at about 70 % of the period.
-ton(min) : A minimum conducting time is ensured
during each period (see Figure 2)
- Supply voltage monitoring : The TEA2018A will
stop operating if VCC
+ on pin 6 falls below the
threshold level VCC(stop)
OSCILLATOR
SAW-TOOTH
Error signal
I
(sample)
C
t
FLIP-FLOP
OUTPUT
t
t
TEST CIRCUIT
C
I
SENSE
OS CILLATOR
ERROR
SIGNAL
ERROR
AMPLIFIER
COMPARATO R
S
R
Q
FLIP-FLOP
VREF
I
C
Vi
OUTPUT
FILTER
LO AD
Re
TEA2018A
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com