Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL708 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL708
Description  7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL708 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL708 Datasheet HTML 1Page - Vishay Siliconix MODEL708 Datasheet HTML 2Page - Vishay Siliconix MODEL708 Datasheet HTML 3Page - Vishay Siliconix MODEL708 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 708
Vishay Spectrol
7/8" (22.2 mm) Single Turn Conductive Plastic
Precision Potentiometer
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57070
42
Revision: 02-Jul-07
DIMENSIONS in inches (millimeters)
SERVO MOUNT: 708 S
BUSHING MOUNT: 708 B
0.687
(17.45)
± 0.010
0.500
(12.70)
± 0.031
0.062
(1.57)
Ø 0.875
(22.22)
Ø 0.7500
(19.05)
+ 0.0000
- 0.0005
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
Ø 0.875
(22.22)
± 0.015
Ø 0.750
MAX.
(19.05)
0.062
(1.57)
0.687
(17.45)
± 0.031
0.500
(12.70)
± 0.010
0.250
(6.35)
± 0.015
3/
8 - 32 UNEF -2A
Ø 0.875
(22.22)
Ø 0.4062
(10.32)
± 0.015
+ 0.0000
- 0.0010
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
MTG. FACE
0.062
(1.57)
0.308 MIN.
(7.82) TYP.
3
1
2
30°
TYP.
0.640 R MAX.
(16.26)
1
ADD 0.500 ± 0.002 (12.70) FOR EACH
ADDITIONAL SECTION
TOLERANCES: UNLESS OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2°
CW
SCHEMATIC
2
3
1
0.062
(1.57)
1
1
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
360° continuous
Bearing Type
Servo Mount:
Bushing Mount:
Ball bearing
Sleeve bearing
Torque (Maximum)
Servo, 1 Section
Bushing, 1 Section
Each Additional Section
STARTING
0.10 oz. - in (7.20 g - cm)
0.25 oz. - in (18.00 g - cm)
0.10 oz. - in (7.20 g - cm)
RUNNING
0.085 oz. - in (6.12 g - cm)
0.20 oz. - in (14.40 g - cm)
0.075 oz. - in (5.40 g - cm)
Runouts (Maximum)
Shaft Runout (TIR/in)
Pilot Dia. Runout (TIR)
Lateral Runout (TIR)
Shaft End Play
Shaft Radial Play
SERVO
0.002" (0.05 cm)
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.002" (0.05 cm)
BUSHING
0.002" (0.05 cm)
0.002" (0.05 cm)
0.005" (0.13 cm)
0.005" (0.13 cm)
0.004" (0.10 cm)
Weight (Maximum)
Single Section:
Each Additional Section:
0.6 oz. (17.0 g)
0.2 oz. (5.67 g)
Ganging
6 sections max, terminal alignment, added sections within ± 10° of section 1 terminals
Moment of Inertia
0.12 g - cm2 per section maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com