Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL708 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MODEL708
Description  7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL708 Datasheet(HTML) 1 Page - Vishay Siliconix

  MODEL708 Datasheet HTML 1Page - Vishay Siliconix MODEL708 Datasheet HTML 2Page - Vishay Siliconix MODEL708 Datasheet HTML 3Page - Vishay Siliconix MODEL708 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 708
Vishay Spectrol
Document Number: 57070
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-Jul-07
41
7/8" (22.2 mm) Single Turn Conductive Plastic
Precision Potentiometer
FEATURES
• Virtually infinite resolution
• Bushing mount and servo mount types available
• Rotational life exceeds 20 million shaft
revolutions
• Co-molded track and multi-finger wiper provide low noise
signal
• Ohmic value range: 500 Ω to 50 kΩ
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range:
500
Ω to 50 kΩ
Tolerance:
STANDARD
± 10 %
SPECIAL
± 5 %
Linearity (Independent)
STANDARD
± 0.5 %
SPECIAL
± 0.2 %
Electrical Angle
340° ± 5°
Power Rating
Section 1:
Additional Sections:
1.0 W at 70° ambient derated to zero at 125 °C
75 % of the rating of section 1
Output Smoothness
0.1 % maximum
Insulation Resistance
1000 M
Ω minimum, 500 V
DC
Dielectric Strength
1000 VRMS, 60 Hz from Terminals to shaft
Taps (Extra)
Extra taps available as special
Phasing
Points at which output is 0.5 aligned
± 1° (ref. to section 1)
Temperature Coefficient of Resistance
± 400 ppm/°C maximum
ORDERING INFORMATION/DESCRIPTION
The Model 708 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your
order, please state:
708
B
1
10K
BO1
MODEL
MOUNTING
NUMBER OF SECTIONS
TOTAL RESISTANCE OF EACH SECTION
PACKAGING
B: Bushing
S: Servo
Up to 6
Beginning with the section nearest the
mounting end
Box of 1 piece
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time
for delivery.
SAP PART NUMBERING GUIDELINES
708
S
2
102
103
B01
MODEL
STYLE
GANGS
OHMIC VALUE GANG NO 1
OHMIC VALUE GANG NO 2PACKAGING
B: Bushing
S: Servo
From 1 up to 6
1K
10K


Similar Part No. - MODEL708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
More results

Similar Description - MODEL708

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL152 VISHAY-MODEL152 Datasheet
257Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound, Precision Potentiometer
19-Jun-07
MODEL159 VISHAY-MODEL159 Datasheet
272Kb / 4P
7/8 (22.2 mm) Single Turn Cermet Precision Potentiometer
07-Sep-07
MODEL308 VISHAY-MODEL308 Datasheet
261Kb / 4P
2 (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
22-Mar-07
MODEL536 VISHAY-MODEL536 Datasheet
234Kb / 4P
7/8inch (22.2 mm) Ten Turn Wirewound Precision Potentiometer with a Plastic Shaft
12-Jul-07
MODEL552 VISHAY-MODEL552 Datasheet
295Kb / 4P
7/8inch (22.2 mm) Three Turn Wirewound Upper Grade Precision Potentiometer
10-Jul-07
MODEL702 VISHAY-MODEL702 Datasheet
331Kb / 4P
7/8 (22.2 mm) Single Turn Wirewound Precision Potentiometer
12-Jul-07
152 VISHAY-152 Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
308 VISHAY-308 Datasheet
350Kb / 4P
2" (50.8 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
702 VISHAY-702 Datasheet
103Kb / 4P
(22.2 mm) Single Turn Wirewound (Precision Potentiometer)s
29-Nov-17
708 VISHAY-708 Datasheet
342Kb / 4P
(22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
27-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com