Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MODEL708 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MODEL708
Description  7/8inch (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL708 Datasheet(HTML) 3 Page - Vishay Siliconix

  MODEL708 Datasheet HTML 1Page - Vishay Siliconix MODEL708 Datasheet HTML 2Page - Vishay Siliconix MODEL708 Datasheet HTML 3Page - Vishay Siliconix MODEL708 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Model 708
7/8" (22.2 mm) Single Turn Conductive Plastic
Precision Potentiometer
Vishay Spectrol
Document Number: 57070
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-Jul-07
43
MATERIAL SPECIFICATIONS
Housing and Lids
Aluminum, anodized
Shaft
Stainless steel, non-magnetic
non-passivated
Terminals
Brass plated for solderability
Bushing Mount Hardware
Lockwasher Internal tooth:
Panel Nut:
Steel, nickel plated
Brass, nickel plated
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
96 h
Rotational Life
Servo: 20 million shaft revolutions
Bushing: 5 million shaft revolutions
Load Life
900 h
Temperature Range
- 55 °C to + 125 °C
MARKING
Unit
Identification
Units shall be marked with Spectrol name, model no, and data code, and on each section, resistance,
resistance tolerance, linearity and terminal identification
POWER RATING CHART
(Ratings for cup No. 1.
Additional cups 75 % of values shown)
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE IN °C
0.5
0
1.0
1.5
2.0
RESISTANCE ELEMENT DATA
RESISTANCE
VALUES
(
Ω)
MAXIMUM VOLTAGE
APPLICABLE
(V)
500
22
1K
32
2K
45
5K
71
10K
100
20K
141
50K
224



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com