Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3B686 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TR3B686
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B686 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TR3B686 Datasheet HTML 2Page - Vishay Siliconix TR3B686 Datasheet HTML 3Page - Vishay Siliconix TR3B686 Datasheet HTML 4Page - Vishay Siliconix TR3B686 Datasheet HTML 5Page - Vishay Siliconix TR3B686 Datasheet HTML 6Page - Vishay Siliconix TR3B686 Datasheet HTML 7Page - Vishay Siliconix TR3B686 Datasheet HTML 8Page - Vishay Siliconix TR3B686 Datasheet HTML 9Page - Vishay Siliconix TR3B686 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
58
Revision: 22-Apr-08
10 VDC at + 85 °C, 7 VDC at 125 °C
100
C
TR3C107(1)010(2)0200
10.0
8
0.200
0.74
100
C
TR3C107(1)010(2)0150
10.0
8
0.150
0.86
100
C
TR3C107(1)010(2)0100
10.0
8
0.100
1.05
100
D
TR3D107(1)010(2)0150
10.0
6
0.150
1.00
100
D
TR3D107(1)010(2)0100
10.0
6
0.100
1.22
100
D
TR3D107(1)010(2)0080
10.0
6
0.080
1.37
100
D
TR3D107(1)010(2)0065
10.0
6
0.065
1.52
100
D
TR3D107(1)010(2)0050
10.0
6
0.050
1.73
100
V
TR3V107(1)010(2)0400
10.0
8
0.400
0.56
100
V
TR3V107(1)010(2)0200
10.0
8
0.200
0.79
100
V
TR3V107(1)010(2)0150
10.0
8
0.150
0.91
150
D
TR3D157(1)010(2)0100
15.0
8
0.100
1.22
150
D
TR3D157(1)010(2)0075
15.0
8
0.075
1.41
150
D
TR3D157(1)010(2)0050
15.0
8
0.050
1.73
100
E
TR3E107(1)010(2)0150
10.0
6
0.150
1.28
150
D
TR3D157(1)010(2)0150
15.0
8
0.150
1.00
150
E
TR3E157(1)010(2)0100
15.0
8
0.100
1.28
150
E
TR3E157(1)010(2)0080
15.0
8
0.080
1.44
220
D
TR3D227(1)010(2)0150
22.0
8
0.150
1.00
220
D
TR3D227(1)010(2)0125
22.0
8
0.125
1.10
220
D
TR3D227(1)010(2)0100
22.0
8
0.100
1.22
220
D
TR3D227(1)010(2)0050
22.0
8
0.050
1.73
220
E
TR3E227(1)010(2)0150
22.0
8
0.150
1.05
220
E
TR3E227(1)010(2)0100
22.0
8
0.100
1.28
330
D
TR3D337M010(2)0150
33.0
15
0.150
1.00
330
D
TR3D337M010(2)0125
33.0
15
0.125
1.10
330
D
TR3D337M010(2)0100
33.0
15
0.100
1.22
330
E
TR3E337(1)010(2)0100
33.0
10
0.100
1.28
330
E
TR3E337(1)010(2)0060
33.0
10
0.060
1.66
470
E
TR3E477M010(2)0200
47.0
15
0.200
0.91
470
E
TR3E477M010(2)0150
47.0
15
0.150
1.05
470
E
TR3E477M010(2)0100
47.0
15
0.100
1.28
470*
E
TR3E477M010(2)0060
47.0
15
0.060
1.66
470*
E
TR3E477M010(2)0050
47.0
15
0.050
1.82
16 VDC at + 85 °C, 10 VDC at + 125 °C
2.2
A
TR3A225(1)016(2)4000
0.5
6
4.000
0.14
3.3
A
TR3A335(1)016(2)4000
0.5
6
4.000
0.14
3.3
A
TR3A335(1)016(2)3500
0.5
6
3.500
0.15
4.7
A
TR3A475(1)016(2)3000
0.8
6
3.000
0.16
4.7
A
TR3A475(1)016(2)2000
0.8
6
2.000
0.19
4.7
A
TR3A475(1)016(2)2500
0.8
6
2.500
0.17
4.7
B
TR3B475(1)016(2)1500
0.8
6
1.500
0.24
6.8
A
TR3A685(1)016(2)3000
1.1
6
3.000
0.16
10
A
TR3A106(1)016(2)1700
1.6
6
1.700
0.21
10
B
TR3B106(1)016(2)0800
1.6
6
0.800
0.33
10
C
TR3C106(1)016(2)0600
1.6
6
0.600
0.43
10
B
TR3B106(1)016(2)0500
1.6
6
0.500
0.41
10
C
TR3C106(1)016(2)0500
1.6
6
0.500
0.47
10
C
TR3C106(1)016(2)0450
1.6
6
0.450
0.49
15
B
TR3B156(1)016(2)0800
2.4
6
0.800
0.33
15
C
TR3C156(1)016(2)0400
2.4
6
0.400
0.52
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com