Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3B686 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TR3B686
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B686 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TR3B686 Datasheet HTML 4Page - Vishay Siliconix TR3B686 Datasheet HTML 5Page - Vishay Siliconix TR3B686 Datasheet HTML 6Page - Vishay Siliconix TR3B686 Datasheet HTML 7Page - Vishay Siliconix TR3B686 Datasheet HTML 8Page - Vishay Siliconix TR3B686 Datasheet HTML 9Page - Vishay Siliconix TR3B686 Datasheet HTML 10Page - Vishay Siliconix TR3B686 Datasheet HTML 11Page - Vishay Siliconix TR3B686 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Apr-08
61
TR3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
Vishay Sprague
25 VDC at + 85 °C, 17 VDC at + 125 °C
10
B
TR3B106(1)025(2)1300
2.5
6
1.300
0.26
10
B
TR3B106(1)025(2)1100
2.5
6
1.100
0.28
10
B
TR3B106(1)025(2)0450
2.5
6
0.450
0.43
15
C
TR3C156(1)025(2)0900
3.8
6
0.900
0.35
15
C
TR3C156(1)025(2)0900
3.8
6
0.900
0.35
10
C
TR3C106(1)025(2)0600
2.5
6
0.600
0.43
10
C
TR3C106(1)025(2)0500
2.5
6
0.500
0.47
10
C
TR3C106(1)025(2)0450
2.5
6
0.450
0.49
10
C
TR3C106(1)025(2)0300
2.5
6
0.300
0.61
10
D
TR3D106(1)025(2)0400
2.5
6
0.400
0.61
15
B
TR3B106(1)025(2)1000
3.8
6
1.000
0.29
15
B
TR3B156(1)025(2)0800
3.8
6
0.800
0.33
15
B
TR3B156(1)025(2)0600
3.8
6
0.600
0.38
15
C
TR3C156(1)025(2)0425
3.8
6
0.425
0.51
15
D
TR3D156(1)025(2)0350
3.8
6
0.350
0.65
15
D
TR3D156(1)025(2)0275
3.8
6
0.275
0.74
15
D
TR3D156(1)025(2)0250
3.8
6
0.250
0.77
22
C
TR3C226(1)025(2)1000
5.5
6
1.000
0.33
22
C
TR3C226(1)025(2)0900
5.5
6
0.900
0.35
22
C
TR3C226(1)025(2)0400
5.5
6
0.400
0.52
22
C
TR3C226(1)025(2)0300
5.5
6
0.300
0.61
22
C
TR3C226(1)025(2)0275
5.5
6
0.275
0.63
22
C
TR3C226(1)025(2)0250
5.5
6
0.250
0.66
22
D
TR3D226(1)025(2)0300
5.5
6
0.300
0.71
22
D
TR3D226(1)025(2)0200
5.5
6
0.200
0.87
22
V
TR3V226(1)025(2)0500
5.5
6
0.500
0.50
22
V
TR3V226(1)025(2)0400
5.5
6
0.400
0.56
22
V
TR3V226(1)025(2)0250
5.5
6
0.250
0.71
33
D
TR3D336(1)025(2)0400
8.3
6
0.400
0.61
33
D
TR3D336(1)025(2)0300
8.3
6
0.300
0.71
33
D
TR3D336(1)025(2)0225
8.3
6
0.225
0.82
33
D
TR3D336(1)025(2)0200
8.3
6
0.200
0.87
33
E
TR3E336(1)025(2)0300
8.3
6
0.300
0.74
33
E
TR3E336(1)025(2)0200
8.3
6
0.200
0.91
33
E
TR3E336(1)025(2)0175
6.6
4
0.175
0.97
47
D
TR3D476(1)025(2)0350
11.8
8
0.350
0.65
47
D
TR3D476(1)025(2)0250
11.8
8
0.250
0.77
47
D
TR3D476(1)025(2)0200
11.8
6
0.200
0.87
47
D
TR3D476(1)025(2)0150
11.8
8
0.150
1.00
47
D
TR3D476(1)025(2)0100
11.8
8
0.100
1.22
47
E
TR3E476(1)025(2)0300
11.8
6
0.300
0.74
47
E
TR3E476(1)025(2)0200
11.8
6
0.200
0.91
47
E
TR3E476(1)025(2)0150
11.8
8
0.150
1.05
35 VDC at + 85 °C, 23 VDC at + 125 °C
0.47
A
TR3A474(1)035(2)4000
0.5
4
4.000
0.14
0.68
A
TR3A684(1)035(2)6000
0.5
4
6.000
0.11
0.68
A
TR3A684(1)035(2)4000
0.5
4
4.000
0.14
1.0
A
TR3A105(1)035(2)6000
0.5
4
6.000
0.11
1.0
A
TR3A105(1)035(2)4000
0.5
4
4.000
0.14
1.0
A
TR3A105(1)035(2)3000
0.5
4
3.000
0.16
1.0
B
TR3B105(1)035(2)2000
0.5
4
2.000
0.21
1.0
B
TR3B105(1)035(2)1500
0.5
4
1.500
0.24
1.0
B
TR3B105(1)035(2)1700
0.5
4
1.700
0.22
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com