Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TR3B686 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TR3B686
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B686 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TR3B686 Datasheet HTML 4Page - Vishay Siliconix TR3B686 Datasheet HTML 5Page - Vishay Siliconix TR3B686 Datasheet HTML 6Page - Vishay Siliconix TR3B686 Datasheet HTML 7Page - Vishay Siliconix TR3B686 Datasheet HTML 8Page - Vishay Siliconix TR3B686 Datasheet HTML 9Page - Vishay Siliconix TR3B686 Datasheet HTML 10Page - Vishay Siliconix TR3B686 Datasheet HTML 11Page - Vishay Siliconix TR3B686 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
63
Revision: 22-Apr-08
50 VDC at + 85 °C, 33 VDC at + 125 °C
1.0
B
TR3B105(1)050(2)4000
0.5
4
4.000
0.15
1.0
B
TR3B105(1)050(2)2000
0.5
4
2.000
0.21
1.0
C
TR3C105(1)050(2)1600
0.5
4
1.600
0.26
1.5
B
TR3B155(1)050(2)2000
0.8
6
2.000
0.21
1.5
C
TR3C155(1)050(2)1500
0.8
6
1.500
0.27
2.2
B
TR3B225(1)050(2)2000
1.1
6
2.000
0.21
2.2
C
TR3C225(1)050(2)1500
1.1
6
1.500
0.27
2.2
D
TR3D225(1)050(2)0800
1.1
6
0.800
0.43
3.3
C
TR3C335(1)050(2)1500
1.7
6
1.500
0.27
3.3
D
TR3D335(1)050(2)0800
1.7
6
0.800
0.43
4.7
C
TR3C475(1)050(2)1000
2.4
6
1.000
0.33
4.7
C
TR3C475(1)050(2)0700
2.4
6
0.700
0.40
4.7
C
TR3C475(1)050(2)0500
2.4
6
0.500
0.47
4.7
D
TR3D475(1)050(2)0700
2.4
6
0.700
0.46
4.7
D
TR3D475(1)050(2)0600
2.4
6
0.600
0.50
4.7
D
TR3D475(1)050(2)0500
2.4
6
0.500
0.55
4.7
D
TR3D475(1)050(2)0300
2.4
6
0.300
0.71
4.7
E
TR3E475(1)050(2)0300
1.9
4
0.300
0.74
6.8
D
TR3D685(1)050(2)0700
3.4
6
0.700
0.46
6.8
D
TR3D685(1)050(2)0600
3.4
6
0.600
0.50
6.8
D
TR3D685(1)050(2)0500
3.4
6
0.500
0.55
6.8
E
TR3E685(1)050(2)0550
3.4
6
0.550
0.55
6.8
E
TR3E685(1)050(2)0500
3.4
6
0.500
0.57
10
D
TR3D106(1)050(2)0700
5.0
6
0.700
0.46
10
D
TR3D106(1)050(2)0550
5.0
6
0.550
0.52
10
D
TR3D106(1)050(2)0450
5.0
6
0.450
0.58
10
E
TR3E106(1)050(2)0700
5.0
6
0.700
0.49
10
E
TR3E106(1)050(2)0550
5.0
6
0.550
0.55
10
E
TR3E106(1)050(2)0500
5.0
6
0.500
0.57
10
E
TR3E106(1)050(2)0400
5.0
6
0.400
0.64
10
E
TR3E106(1)050(2)0300
5.0
6
0.300
0.74
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
0.1
1.0
10.0
100.0
1000.0
“D” Case
IMPEDANCE
ESR
68 µF, 20 VDC
470 µF, 4 VDC
1.00
0.10
0.01
FREQUENCY kHz
0.1
1.0
10.0
100.0
1000.0
1.00
0.10
0.01
FREQUENCY kHz
“D” Case
IMPEDANCE
ESR
220 µF, 10 VDC
330 µF, 6.3 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com