Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2P3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSS2P3
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSS2P3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MSS2P3 Datasheet HTML 1Page - Vishay Siliconix MSS2P3 Datasheet HTML 2Page - Vishay Siliconix MSS2P3 Datasheet HTML 3Page - Vishay Siliconix MSS2P3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Product
MSS2P2 & MSS2P3
Vishay General Semiconductor
Document Number: 89054
Revision: 04-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Surface Mount Schottky Barrier Rectifiers
FEATURES
• Very low profile - typical height of 0.68 mm
• Ideal for automated placement
• Low forward voltage drop, low power
losses
• High efficiency
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free
MECHANICAL DATA
Case: MicroSMP
Molding compound meets UL 94V-0 flammability
rating.
Base P/N-E3 - RoHS compliant, commercial grade
Base P/N-M3 - halogen-free and RoHS compliant,
commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 and M3 suffix meets JESD 201 class 1A whisker
test
Polarity: Color band denotes the cathode end
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling,
dc-to-dc
converters,
and
polarity
protection applications.
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
20 V, 30 V
IFSM
30 A
VF at IF = 2.0 A
0.47 V
TJ max.
150 °C
Top View
Bottom View
MicroSMP
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MSS2P2
MSS2P3
UNIT
Device marking code
22
23
Maximum repetitive peak reverse voltage
VRRM
20
30
V
Maximum average forward rectified current (Fig. 1)
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - MSS2P3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSS2P3 VISHAY-MSS2P3 Datasheet
93Kb / 4P
Surface Mount Schottky Barrier Rectifiers
19-Apr-11
MSS2P3 VISHAY-MSS2P3 Datasheet
113Kb / 4P
Surface-Mount Schottky Barrier Rectifiers
03-Aug-2020
MSS2P3 VISHAY-MSS2P3_15 Datasheet
93Kb / 5P
Surface Mount Schottky Barrier Rectifiers
20-Jan-14
More results

Similar Description - MSS2P3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com