Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2P3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MSS2P3
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSS2P3 Datasheet(HTML) 3 Page - Vishay Siliconix

  MSS2P3 Datasheet HTML 1Page - Vishay Siliconix MSS2P3 Datasheet HTML 2Page - Vishay Siliconix MSS2P3 Datasheet HTML 3Page - Vishay Siliconix MSS2P3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
MSS2P2 & MSS2P3
Vishay General Semiconductor
Document Number: 89054
Revision: 04-Aug-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
10
1
0.1
0.01
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
100
10
10
20
30
40
50
60
70
80
90
100
1
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Figure 5. Typical Junction Capacitance
Figure 6. Typical Transient Thermal Impedance
1000
100
10
0.1
1
10
100
Reverse Voltage (V)
1000
100
10
1
0.1
0.01
1
10
100
1000
t - Pulse Duration (s)
Junction to Ambient
0.020
(0.50)
0.043
(1.10)
0.029 (0.73)
0.025 (0.63)
0.106 (2.70)
0.091 (2.30)
0.039 (0.98)
0.031 (0.78)
0.030 (0.75)
0.022 (0.55)
0.059 (1.50)
0.043 (1.10)
0.030 (0.75)
0.022 (0.55)
0.091 (2.30)
0.083 (2.10)
0.055 (1.40)
0.047 (1.20)
0.011 (0.27)
0.005 (0.12)
0.079
(2.00)
0.032
(0.80)
0.032
(0.80)
Mounting Pad Layout
Cathode Band
MicroSMP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com