Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS2P3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MSS2P3
Description  Surface Mount Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSS2P3 Datasheet(HTML) 2 Page - Vishay Siliconix

  MSS2P3 Datasheet HTML 1Page - Vishay Siliconix MSS2P3 Datasheet HTML 2Page - Vishay Siliconix MSS2P3 Datasheet HTML 3Page - Vishay Siliconix MSS2P3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
MSS2P2 & MSS2P3
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89054
Revision: 04-Aug-08
2
Notes:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 40 ms
Note:
(1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 6.0 x 6.0 mm copper pad areas. RθJL is measured
at the terminal of cathode band. RθJC is measured at the top center of the body
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Maximum instantaneous
forward voltage (1)
IF = 1.0 A
IF = 2.0 A
TA = 25 °C
VF
0.44
0.52
-
0.60
V
IF = 1.0 A
IF = 2.0 A
TA = 125 °C
0.36
0.47
-
0.55
Maximum reverse current (2)
rated VR
TA = 25 °C
TA = 125 °C
IR
15
6.0
250
20
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
65
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
MSS2P2
MSS2P3
UNIT
Typical thermal resistance (1)
RθJA
RθJL
RθJC
105
15
20
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
MSS2P3-E3/89A
0.006
89A
4500
7" diameter plastic tape and reel
MSS2P3-M3/89A
0.006
89A
4500
7" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
Lead Temperature (°C)
80
0
0.4
0.8
1.2
1.6
2.0
2.4
90
100
110
120
140
150
T
L Measured
at the Cathode Band Terminal
130
Figure 2. Forward Power Loss Characteristics
1.4
1.2
0.8
0.4
0.2
0
0
0.4
0.8
1.2
1.6
2.0
2.4
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
1.0
0.6
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com