Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3717 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA3717
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3717 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA3717 Datasheet HTML 1Page - STMicroelectronics TEA3717 Datasheet HTML 2Page - STMicroelectronics TEA3717 Datasheet HTML 3Page - STMicroelectronics TEA3717 Datasheet HTML 4Page - STMicroelectronics TEA3717 Datasheet HTML 5Page - STMicroelectronics TEA3717 Datasheet HTML 6Page - STMicroelectronics TEA3717 Datasheet HTML 7Page - STMicroelectronics TEA3717 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TEA3717
April 1993
STEPPER MOTOR DRIVER
.
HALF-STEP AND FULL-STEP MODE
.
BIPOLAR DRIVE OF STEPPER MOTOR FOR
MAXIMUM MOTOR PERFORMANCE
.
BUILT-IN PROTECTION DIODES
.
WIDE RANGE OF CURRENT CONTROL 5 TO
1000 mA
.
WIDE VOLTAGE RANGE 10 TO 45 V
.
DESIGNED FOR UNSTABILIZED MOTOR
SUPPLY VOLTAGE
.
CURRENT LEVELS CAN BE SELECTED IN
STEPS OR VARIED CONTINUOUSLY
DESCRIPTION
The TEA3717 is a bipolar monolithic integrated cir-
cuit intended to control and drive the current in one
winding of a bipolar stepper motor. The circuit con-
sists of an LS-TTL compatible logic input, a current
sensor, a monostable and an output stage with built-
in protection diodes. Two TEA3717 and a few exter-
nal components form a complete control and drive
unit for LS-TTL or microprocessor-controlled step-
per motor systems.
PIN CONNECTION (top view)
POWERDIP 12 + 2 + 2
ORDER CODE : TEA3717DP
1/8


Similar Part No. - TEA3717

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
STEPPER MOTOR DRIVER
Dec-1991
TEA3718DP STMICROELECTRONICS-TEA3718DP Datasheet
288Kb / 16P
STEPPER MOTOR DRIVER
Dec-1991
TEA3718DP STMICROELECTRONICS-TEA3718DP Datasheet
594Kb / 26P
Stepper motor driver
21-Jan-2009
TEA3718S STMICROELECTRONICS-TEA3718S Datasheet
288Kb / 16P
STEPPER MOTOR DRIVER
Dec-1991
TEA3718SDP STMICROELECTRONICS-TEA3718SDP Datasheet
288Kb / 16P
STEPPER MOTOR DRIVER
Dec-1991
More results

Similar Description - TEA3717

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com