Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3717 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TEA3717
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3717 Datasheet(HTML) 3 Page - STMicroelectronics

  TEA3717 Datasheet HTML 1Page - STMicroelectronics TEA3717 Datasheet HTML 2Page - STMicroelectronics TEA3717 Datasheet HTML 3Page - STMicroelectronics TEA3717 Datasheet HTML 4Page - STMicroelectronics TEA3717 Datasheet HTML 5Page - STMicroelectronics TEA3717 Datasheet HTML 6Page - STMicroelectronics TEA3717 Datasheet HTML 7Page - STMicroelectronics TEA3717 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
VCC = 5V,
±5%, Vmm = + 10V to + 40V, Tamb =0oCto + 70oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
–
–
25
mA
VIH
High Level Input Voltage - Logic Inputs
2.0
–
–
V
VIL
Low Level Input Voltage - Logic Inputs
–
–
0.8
V
IIH
High Level Input Current - Logic Input (VI = + 2.4V)
–
–
20
µA
IIL
Low Level Input Current - Logic Inputs (VI = + 0.4V)
– 0.4
–
–
mA
VCH
VCM
VCL
Comparator Threshold Voltage (VR = + 5.0V),
I0 =0, I1 =0
I0 =1, I1 =0
I0 =0, I1 =1
390
230
65
420
250
80
440
270
90
mV
ICO
Comparator Input Current
– 20
–
20
µA
Ioff
Output Leakage Current (I0 =1, I1 =1)
Tamb =+25
°C
Tamb =+70
°C, VS = 40V, VSS =5V
–
–
–
100
100
200
µA
Vsat
Total Saturation Voltage Drop (Io = 500mA)
–
–
4.0
V
Ptot
Total Power Dissipation
Io = 500mA, fs = 30kHz
Io = 800mA, fs = 30kHz
–
–
1.8
3.7
2.3
–
W
toff
Cut off Time (see figure 1 and 2, Vmm = + 10V, ton
≥ 5µs)
25
30
35
µs
td
Turn off Delay (see figure 1 and 2, Tamb =+ 25
°C, dVC/dt ≥ 50mV/µs)
–
1.6
µs
Figure 2.
Figure 1 (see note)
TEA3717
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com