Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3717 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TEA3717
Description  STEPPER MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3717 Datasheet(HTML) 2 Page - STMicroelectronics

  TEA3717 Datasheet HTML 1Page - STMicroelectronics TEA3717 Datasheet HTML 2Page - STMicroelectronics TEA3717 Datasheet HTML 3Page - STMicroelectronics TEA3717 Datasheet HTML 4Page - STMicroelectronics TEA3717 Datasheet HTML 5Page - STMicroelectronics TEA3717 Datasheet HTML 6Page - STMicroelectronics TEA3717 Datasheet HTML 7Page - STMicroelectronics TEA3717 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vmm
Power Supply Voltage (pins 14, 3)
45
V
VCC
Logic Supply Voltage (pin 6)
7
V
Vin
Vin
VV
Input Voltage
Logic Inputs
Analog Inputs
Reference Input
– 0.5 to 6
VCC
15
V
Iin
Iin
Input Current
Logic Inputs
Analog Inputs
–10
–10
mA
IO
Output Current
± 1A
Tj
Junction Temperature
+ 150
°C
Tstg
Storage Temperature Range
– 55 to + 150
°C
Toper
Operating Ambiant Temperature Range
0 to + 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-c)
Maximum Junction-pins Thermal Resistance
11
°C/W
Rth (j-a)
Maximum Junction-ambient Thermal Resistance
45*
°C/W
* Soldered on a 35 mm thick 20 cm
3 PC board copper area
SCHEMATIC DIAGRAM
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.75
5
5.25
V
Vmm
Supply Voltage
10
–
40
V
Io
Output Current
0.020
–
0.8
A
Tamb
Ambient Temperature
0
–
70
°C
tr
Rise Time, Logic Inputs
–
–
2
µs
tf
Fall Time, Logic Inputs
–
–
2
µs
TEA3717
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com