Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103SP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST103SP
Description  Inverter Grade Thyristors (Stud Version), 105 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103SP Datasheet(HTML) 5 Page - Vishay Siliconix

  ST103SP Datasheet HTML 1Page - Vishay Siliconix ST103SP Datasheet HTML 2Page - Vishay Siliconix ST103SP Datasheet HTML 3Page - Vishay Siliconix ST103SP Datasheet HTML 4Page - Vishay Siliconix ST103SP Datasheet HTML 5Page - Vishay Siliconix ST103SP Datasheet HTML 6Page - Vishay Siliconix ST103SP Datasheet HTML 7Page - Vishay Siliconix ST103SP Datasheet HTML 8Page - Vishay Siliconix ST103SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94365
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
5
ST103SP Series
Inverter Grade Thyristors
(Stud Version), 105 A
Vishay High Power Products
Fig. 4 - On-State Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristic
0
20
40
60
80
100
120
140
160
180
Average On-State Current (A)
0
60
40
20
80
100 120
180°
120°
90°
60°
30°
RMS limit
Conduction angle
ST103S Series
T
J = 125 °C
DC
200
220
240
260
140
160 180
Ø
0
20
40
60
80
100
120
140
160
180
200
220
240
260
Maximum Allowable Ambient Temperature (°C)
25
50
75
100
125
0.2
K/W
R
thSA
=
0.1
K/W
- Δ
R
0.3
K/W
0.4
K/W
0.5
K/W
0.8 K/W
1.2 K/W
1200
1
10
100
1400
1800
2000
2400
2600
2800
Number of Equal Amplitude Half Cycle
Current Pulses (N)
ST103S Series
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
2200
1600
At any rated load condition and with
rated V
RRM applied following surge
1200
0.01
0.1
1
1400
1800
2000
2400
2600
3000
Pulse Train Duration (s)
ST103S Series
No voltage reapplied
Rated V
RRM reapplied
2200
1600
2800
Maximum non repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
100
123456
1000
10 000
T
J = 25 °C
T
J = 125 °C
Instantaneous On-State Voltage (V)
ST103S Series
0.01
0.01
0.1
1
10
0.001
0.1
1
Square Wave Pulse Duration (s)
ST103S Series
Steady state value
R
thJC = 0.195 K/W
(DC operation)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com