Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103SP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST103SP
Description  Inverter Grade Thyristors (Stud Version), 105 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103SP Datasheet(HTML) 1 Page - Vishay Siliconix

  ST103SP Datasheet HTML 1Page - Vishay Siliconix ST103SP Datasheet HTML 2Page - Vishay Siliconix ST103SP Datasheet HTML 3Page - Vishay Siliconix ST103SP Datasheet HTML 4Page - Vishay Siliconix ST103SP Datasheet HTML 5Page - Vishay Siliconix ST103SP Datasheet HTML 6Page - Vishay Siliconix ST103SP Datasheet HTML 7Page - Vishay Siliconix ST103SP Datasheet HTML 8Page - Vishay Siliconix ST103SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94365
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
1
Inverter Grade Thyristors
(Stud Version), 105 A
ST103SP Series
Vishay High Power Products
FEATURES
• All diffused design
• Center amplifying gate
• Guaranteed high dV/dt
• Guaranteed high dI/dt
• High surge current capability
• Low thermal impedance
• High speed performance
• Compression bonding
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
•Inverters
• Choppers
• Induction heating
• All types of force-commutated converters
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
105 A
TO-209AC (TO-94)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
105
A
TC
85
°C
IT(RMS)
165
A
ITSM
50 Hz
3000
60 Hz
3150
I2t
50 Hz
45
kA2s
60 Hz
41
VDRM/VRRM
400 to 800
V
tq
Range
10 to 25
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST103S
04
400
500
30
08
800
900


Similar Part No. - ST103SP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST103S IRF-ST103S Datasheet
351Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST103SP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
Inverter Grade Thyristors (Stud Version), 300 A
30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
Inverter Grade Thyristors (Stud Version), 85 A
06-Feb-17
VS-ST103SP VISHAY-VS-ST103SP_V01 Datasheet
179Kb / 10P
Inverter Grade Thyristors (Stud Version), 105 A
24-Jan-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com