Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST103SP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST103SP
Description  Inverter Grade Thyristors (Stud Version), 105 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103SP Datasheet(HTML) 3 Page - Vishay Siliconix

  ST103SP Datasheet HTML 1Page - Vishay Siliconix ST103SP Datasheet HTML 2Page - Vishay Siliconix ST103SP Datasheet HTML 3Page - Vishay Siliconix ST103SP Datasheet HTML 4Page - Vishay Siliconix ST103SP Datasheet HTML 5Page - Vishay Siliconix ST103SP Datasheet HTML 6Page - Vishay Siliconix ST103SP Datasheet HTML 7Page - Vishay Siliconix ST103SP Datasheet HTML 8Page - Vishay Siliconix ST103SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 94365
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
3
ST103SP Series
Inverter Grade Thyristors
(Stud Version), 105 A
Vishay High Power Products
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of
rise of turned on current
dI/dt
TJ = TJ maximum, VDRM = Rated VDRM, ITM = 2 x dI/dt
1000
A/µs
Typical delay time
td
TJ = 25 °C, VDM = Rated VDRM, ITM = 50 A DC, tp = 1 µs
Resistive load, gate pulse: 10 V, 5
Ω source
0.80
µs
Maximum turn-off time
minimum
tq
TJ = TJ maximum, ITM = 100 A, commutating dI/dt = 10 A/µs
VR = 50 V, tp = 200 µs, dV/dt: See table in device code
10
maximum
25
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % VDRM,
higher value available on request
500
V/µs
Maximum peak reverse and off-state
leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
30
mA
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, f = 50 Hz, d% = 50
40
W
Maximum average gate power
PG(AV)
5
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
5A
Maximum peak positive gate voltage
+ VGM
20
V
Maximum peak negative gate voltage
- VGM
5
Maximum DC gate currrent required to trigger
IGT
TJ = 25 °C, VA = 12 V, Ra = 6 Ω
200
mA
Maximum DC gate voltage required to trigger
VGT
3V
Maximum DC gate current not to trigger
IGD
TJ = TJ maximum, rated VDRM applied
20
mA
Maximum DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.195
K/W
Maximum thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.08
Mounting torque, ± 10 %
Non-lubricated threads
15.5
(137)
N · m
(lbf
⋅ in)
Lubricated threads
14
(120)
Approximate weight
130
g
Case style
See dimensions - link at the end of datasheet
TO-209AC (TO-94)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com