Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS331Z Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VCS331Z
Description  Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS331Z Datasheet(HTML) 2 Page - Vishay Siliconix

  VCS331Z Datasheet HTML 1Page - Vishay Siliconix VCS331Z Datasheet HTML 2Page - Vishay Siliconix VCS331Z Datasheet HTML 3Page - Vishay Siliconix VCS331Z Datasheet HTML 4Page - Vishay Siliconix VCS331Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 63086
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 02-Mar-05
2
Power Current Sense Resistors
Z-Based Bulk Metal® Foil Technology
Rapid
ΔR Stabilization - Low WCR - Low TCR
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
Kelvin, 4-terminal, connections are utilized for these low
ohmic value products to measure a precise voltage drop
across the resistive element. In these applications the
contact resistance, lead resistance, and their TCR effect may
be greater than that of the element itself and could cause
significant errors if the standard 2-terminal connection is
used. Figure 5 shows a high impedance measurement
system where r5 approaches infinity and Im approaches zero
resulting in negligible IR drop through r3 and r4 which
negates their lead resistance and TCR effect. With the
voltage sense leads E1 and E2 inside of r1 and r2 the
resistance and TCR effect of the current leads, I1 and I2 are
negated and only the resistance and TCR of the element R
are sensed. This method of measurement is essential for
precise current sensing.
FIGURE 1 - RAPID STABILIZATION
FIGURE 3 - TEMPERATURE COEFFICIENT
RESISTANCE
FIGURE 5 - KELVIN CONNECTION
15
10
5
0
- 5
- 10
- 15
0
20
40
60
80
100
120
140
160 180
200
TIME IN SECONDS
RESISTANCE CHANGE UNDER LOAD AT 10 WATTS
MOUNTED ON COOLED HEAT SINK HELD AT + 25 °C
AMBIENT TEMPERATURE (
°C)
NO LOAD APPLIED
+ 8ppm/°C
+ 8ppm/°C
+ 200
- 200
5
2
1
+
5
2
+
5
5
-
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
250
+ 2
ppm
/
°C
- 2
ppm
/°C
+ 2
ppm
/°C
- 2
pp
m/
°C
r5
r4
Im
r3
E1
E2
0
r2
r1
R
I1
I2
FIGURE 2 - POWER COEFFICIENT (WCR)
FIGURE 4 - POWER DERATING CURVE
60
40
20
0
- 20
- 40
- 60
0
1
258
10
APPLIED POWER IN WATTS
RESISTANCE CHANGE VS APPLIED POWER
MOUNTED ON COOLED HEAT SINK HELD AT + 25 °C
+ 100
+ 75
+ 50
+ 25
0
- 50
0
+ 50
+ 100
+ 150
+ 200
AMBIENT TEMPERATURE
- 55 °C
+ 25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com