Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS331Z Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VCS331Z
Description  Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS331Z Datasheet(HTML) 4 Page - Vishay Siliconix

  VCS331Z Datasheet HTML 1Page - Vishay Siliconix VCS331Z Datasheet HTML 2Page - Vishay Siliconix VCS331Z Datasheet HTML 3Page - Vishay Siliconix VCS331Z Datasheet HTML 4Page - Vishay Siliconix VCS331Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 63086
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 02-Mar-05
4
Power Current Sense Resistors
Z-Based Bulk Metal® Foil Technology
Rapid
ΔR Stabilization - Low WCR - Low TCR
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
NOTES:
1. Mounted on a cooled heat sink held at + 25°C
2. Heatsink - Aluminum (6" L x 4" W x 2" H x 0.04" THK)
3. Whichever is lower
TABLE 1 - RESISTANCE VALUE VS TOLERANCE
RESISTANCE RANGE (
Ω)
STANDARD TOLERANCE (%)
10 to 500
± 0.01 %
5 to < 10
± 0.02 %
2 to < 5
± 0.05 %
1 to < 2
± 0.10 %
0.5 to < 1
± 0.25 %
0.25 to < 0.5
± 0.50 %
TABLE 2 - SPECIFICATIONS
TEST OR CONDITION
PERFORMANCE
Wattage Coefficient of Resistance (WCR)
4 ppm/Watt Maximum1)
Temperature Coefficient of Resistance (TCR)
(- 55 °C to + 125 °C, + 25 °C Reference)
≥ 1.0 Ω to 500 Ω, ± 2 ppm/°C Maximum
0R25 to < 1.0
Ω, ± 3 ppm/°C Maximum
Thermal Resistance
6 °C/Watt1)
Maximum Ambient Temperature
Rated Power
Zero Power
+ 25 °C
+ 150 °C
Power Rating
at + 25 °C
VHP4Z
VPR247Z
VFP4Z
10 Watts or 3 Amps Maximum (Heat Sink)2), 3)
3 Watts or 3 Amps Maximum (Free Air)3)
VCS331Z
VCS332Z
10 Watts or 5 Amps Maximum (Heat Sink)2),3)
3 Watts or 5 Amps Maximum (Free Air)3)
Load Life Stability
± 0.05 % Max
ΔR, 10 W on heat sink at + 25 °C, 2000 hours
± 0.01 % Max
ΔR, 3 W on heat sink at + 25 °C, 2000 hours
± 0.05 % Max
ΔR, 3 W in free air at + 25 °C, 2000 hours
Inductance
0.1 µH Maximum; 0.08 µH Typical
Voltage Coefficient
< 0.1 ppm/V
Current Noise
< 0.010 µV(RMS)/Volt of applied voltage (- 40 dB)
TABLE 3 - ORDERING INFORMATION
Please specify Vishay VHP4Z, VPR247Z, VFP4Z, VCS331Z, VCS332Z series resistors as follows:
MODEL NO.
RESISTANCE VALUE
TOLERANCE
VHP4Z
RESISTANCE
RANGE
LETTER
DESIGNATOR
MULTIPLIER
FACTOR
0.01 %
0.25 to < 500
Ω
R
x 1
Example: 100R01 = 100.01
Ω
Resistance Value, in
Ω, is expressed by a series of 6 characters, 5 of which represent significant digits while the 6th is a dual purpose letter
that designates both the multiplier and the location of the comma or decimal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com