Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS331Z Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCS331Z
Description  Z-Based Bulk Metal® Foil Technology Rapid ΔR Stabilization - Low WCR - Low TCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCS331Z Datasheet(HTML) 3 Page - Vishay Siliconix

  VCS331Z Datasheet HTML 1Page - Vishay Siliconix VCS331Z Datasheet HTML 2Page - Vishay Siliconix VCS331Z Datasheet HTML 3Page - Vishay Siliconix VCS331Z Datasheet HTML 4Page - Vishay Siliconix VCS331Z Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Current Sense Resistors
Vishay Foil Resistors
Z-Based Bulk Metal® Foil Technology
Rapid
ΔR Stabilization - Low WCR - Low TCR
www.vishay.com
For technical questions, contact: foil@vishay.com
Document Number: 63086
3
Revision: 02-Mar-05
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 6 - STANDARD IMPRINTING AND DIMENSIONS
VISHAY
VCS331Z
0R2000 1 %
B9825
1.340 ± 0.008 (34.0 ± 0.2)
1.083 ± 0.20 (27.5 ± 0.5)
0.138 (3.5)
NOMINAL
1.063 (27.0)
MAXIMUM
0.689 ± 0.020 (17.5 ± 0.5)
0.040 (1.0)
NOMINAL
0.16 (0.4)
NOMINAL
0.701 ± 0.008
(17.8 ± 0.2)
0.040 (1.0)
NOMINAL
0.210 (5.33)
MAXIMUM
0.087 (2.2)
MAXIMUM
Z
1
3
3
S
C
V
0.140 ± 0.005
(3.56 ± 0.13)
(Dia. Thru Hole)
0.690 ± 0.005
(17.53 ± 0.13)
Date Code
10
Week
01
Year
VISHAY
VPR247Z
XXXX
0R2000 1 %
S
LS
Tolerance
Resistance
Value
Gold Plated
Copper Leads
0.025 Dia (0.633)
I1 E1 E2 I2
0.010 (0.254) max
Sleeve Extension
0.200 ± 0.005
(5.08 ± 0.13)
0.100 ± 0.005
(2.54 ± 0.13)
0.820 ± 0.005
(20.83 ± 0.13)
0.120 ± 0.005
(3.05 ± 0.13)
0.500 Min
(12.70)
0.120 ± 0.005
(3.05 ± 0.13)
0.125 ± 0.005
(5.46 ± 0.13)
0.040 ± 0.005 (1.02 ± 0.13)
Z
7
4
2
R
P
V
Mounting
Hole
0.222
(5.64)
E1
E2
I1
I2
TO-3 cap
TO-3 base
0.040 (1.00) dia
± 0.005 (± 0.13)
0.43 (10.92)
± 0.01 (± 0.25)
1.00 (25.4)
± 0.005 (± 0.13)
0.770 (19.56)
max dia
0.156 dia (3.9)
± 0.005 (± 0.13)
VHP4Z
1.575 ± 0.016 (40 ± 0.4)
0.276
(7.0
)
1.181 ± 0.016 (30 ± 0.4)
E2
E1
I2
I1
0.197 (5)
0.150 ± 0.004
(3.8 ± 0.1)
0.394 ± 0.008
(10 ± 0.2)
Lead Dia.
0.025 (0.633)
Solder Coated
Copper
0.200 [x3] (5.08)
0.118 (3)
0.787 ± 0.016
(20 ± 0.4)
1.00 Min.
(25.4 Min.)
+ 0.004
+ 0.1
- 0.008
- 0.2
VISHAY
VFP-4Z
(Value)
(Tol.)
(Date Code)
Z
4
P
F
V
VISHAY
VCS332Z
8R2000 0.1 %
B9825
1.083 ± 0.20 (27.5 ± 0.5)
0.689 ± 0.020 (17.5 ± 0.5)
0.040 (1.0)
NOMINAL
0.701 ± 0.008
(17.8 ± 0.2)
0.210 (5.33)
MAXIMUM
0.087 (2.2)
MAXIMUM
1.024 (26.0)
MAXIMUM
1.340 ± 0.008 (34.0 ± 0.2)
0.197 ± 0.008
(5.0 ± 0.2)
0.138 (3.5)
NOMINAL
0.032 (0.8)
NOMINAL
Z
2
3
3
S
C
V
Standard Marking
Arrangement
Model No.
Res. Val.
Res. Tol.
Date Code
Ex: 98
02
Year Week
VISHAY
VHP-3Z
21K500
± 0.01 %
9802
E1
E2
I1
I2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com