Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TEA7089
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TEA7089 Datasheet HTML 9Page - STMicroelectronics TEA7089 Datasheet HTML 10Page - STMicroelectronics TEA7089 Datasheet HTML 11Page - STMicroelectronics TEA7089 Datasheet HTML 12Page - STMicroelectronics TEA7089 Datasheet HTML 13Page - STMicroelectronics TEA7089 Datasheet HTML 14Page - STMicroelectronics TEA7089 Datasheet HTML 15Page - STMicroelectronics TEA7089 Datasheet HTML 16Page - STMicroelectronics TEA7089 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
7
GTR
1
23
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
I
LS
47
µF
1N4148
V
CC
IVLS
MIC1
MIC2
EAR-
EAR+
GREC
470nF
2k
Ω
2.2
µF
300
Ω
15k
Ω
10k
Ω
1.3k
Ω
V
REF
10
µF
24V
47
Ω
47nF
100
µF
V
RING
BUZ
V
MC
V
REF
DTMF
V
RMC
SOFT
AGC
10
µF
100nF
10
µF
560k
Ω
100nF
V
CC
TEA7089A
3.9k
Ω
V
REF
47
µF
620
Ω
13V
1
µF
82k
Ω
33
Ω
C2
4.7nF
1.6k
Ω
100nF
600
Ω
100
µF
I
L
15k
Ω
Sidetone
V
CC
Vm
Gtl/Gts = 20 log
V
12
V
m
Mmic = 20 log
V
12 (010000)
V
12 (010011)
Eff = 20 log
V
ear
V
m
V
ear
Figure 13 : Test 3 (Gtl / Gts / Zmic / Nt / Mmic / Dt / Vlmax / Eff)
7
GTR
1
23
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
I
LS
47
µF
1N4148
V
CC
IVLS
MIC1
MIC2
EAR-
EAR+
GREC
470nF
2k
Ω
2.2
µF
300
Ω
15k
Ω
10k
Ω
1.3k
Ω
V
REF
10
µF
47
Ω
47nF
100
µF
V
RING
BUZ
V
MC
V
REF
DTMF
V
RMC
SOFT
AGC
10
µF
100nF
10
µF
560k
Ω
100nF
V
CC
TEA7089A
3.9k
Ω
V
REF
47
µF
620
Ω
13V
1
µF
82k
Ω
33
Ω
C2
4.7nF
1.6k
Ω
100nF
100
µF
I
L
15k
Ω
Sidetone
V
CC
I
AC
V
AC
Grl/Grs = 20 log
24V
V
ear
V
ear
V
12
Figure 14 : Test 4 (Grl / Grs / Dr / Mear / Nr)
TEA7089A
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com