Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA7089
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089 Datasheet(HTML) 1 Page - STMicroelectronics

  TEA7089 Datasheet HTML 1Page - STMicroelectronics TEA7089 Datasheet HTML 2Page - STMicroelectronics TEA7089 Datasheet HTML 3Page - STMicroelectronics TEA7089 Datasheet HTML 4Page - STMicroelectronics TEA7089 Datasheet HTML 5Page - STMicroelectronics TEA7089 Datasheet HTML 6Page - STMicroelectronics TEA7089 Datasheet HTML 7Page - STMicroelectronics TEA7089 Datasheet HTML 8Page - STMicroelectronics TEA7089 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TEA7089A
LOW-RANGE PHONE DEDICATED CHIP
June 1998
SO28
(Plastic Package)
ORDER CODE : TEA7089AFP
.
RING
- GENERATION OF 8 MELODY TONES
(Including the 3 German Melody Tones)
- 4 STEPS DIGITAL CONTROL ON THE AM-
PLIFIER OUTPUT LEVEL
.
SPEECH
- TRANSMIT GAIN EXTERNALLY ADJUSTABLE
- RECEIVINGGAINEXTERNALLYADJUSTABLE
- AGCSLOPEEXTERNALLYPROGRAMMABLE
- SOFTCLIPPING ON SENDING CHANNEL
- RECEIVE AMPLIFIER FOR PIEZO OR
ELECTRODYNAMIC TRANSDUCER
- +6dB MODE ON RECEIVE CHANNEL
- LINE POWER MANAGEMENT
.
DIALING
- DTMF GENERATOR
- LOW DC MASK DURING MAKE PERIOD
THROUGH MICROCONTROLLER SERIAL
BUS INTERFACE
.
MICROCONTROLLER INTERFACE
- 1.79MHz CLOCK OR 3.58MHz OSCILLATOR
INPUT
.
MICROCONTROLLER POWER SUPPLY
.
MICROCONTROLLER
CONTROL
INTER-
FACE INCLUDING SERIAL BUS
.
LINE CURRENT EXTRACTOR FOR SUPPLY
OF EXTERNAL PERIPHERALS
DESCRIPTION
The TEA7089A is a Telephone Analog Front End
device, TAFE, which integrates the three basic
functions of a standard telephone set :
- Speech network,
- DTMF generator,
- Ringer generator on buzzer.
A complete telephone set can be designed using
TEA7089A associated with a low cost microcon-
troller.
MIC2
DTMF
V
REF
V
RMC
DCL
DATA
RI
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
PON
RES
SOF T
RECIN
SN
GTR
MIC1
AGC
V
CC
IVLS
GND
MSK
OSC
11
12
13
14
18
17
16
15
V
S
V
L
V
MC
GREC
BUZ
EAR+
EAR-
V
RING
PIN CONNECTIONS
1/17


Similar Part No. - TEA7089

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jan-1998
TEA7088AFP STMICROELECTRONICS-TEA7088AFP Datasheet
184Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jan-1998
More results

Similar Description - TEA7089

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3386 MOTOROLA-TCA3386 Datasheet
48Kb / 1P
Single chip feature phone IC
logo
STMicroelectronics
TEA7088A STMICROELECTRONICS-TEA7088A Datasheet
184Kb / 17P
LOW-RANGE PHONE DEDICATED CHIP
Jan-1998
logo
Broadcom Corporation.
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
ENTERPRISE IP PHONE CHIP
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
LOW-COST IP PHONE CHIP
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
High-power LED dedicated driver chip
logo
Littelfuse
KRDI LITTELFUSE-KRDI Datasheet
643Kb / 2P
Dedicated - Interval
2018 Rev: 1-A-101018
ERD3425A LITTELFUSE-ERD3425A Datasheet
498Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSDR LITTELFUSE-KSDR Datasheet
533Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-061016
KSPD LITTELFUSE-KSPD Datasheet
520Kb / 2P
Dedicated - Recycle
2016 Rev: 1-A-062116
RS1A11 LITTELFUSE-RS1A11 Datasheet
460Kb / 2P
Dedicated - Recycle
Rev: 1-A-061016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com