Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA7089 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA7089
Description  LOW-RANGE PHONE DEDICATED CHIP
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7089 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA7089 Datasheet HTML 1Page - STMicroelectronics TEA7089 Datasheet HTML 2Page - STMicroelectronics TEA7089 Datasheet HTML 3Page - STMicroelectronics TEA7089 Datasheet HTML 4Page - STMicroelectronics TEA7089 Datasheet HTML 5Page - STMicroelectronics TEA7089 Datasheet HTML 6Page - STMicroelectronics TEA7089 Datasheet HTML 7Page - STMicroelectronics TEA7089 Datasheet HTML 8Page - STMicroelectronics TEA7089 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ELECTRICAL CHARACTERISTICS
The block diagram is given in Figure 1.
The values of the different networks used in this datasheet are defined as followed :
- The return loss is adjusted by R10 of 600
Ω.
- The transmit adjust gain network R8 is calculated in order to have a gain of 46dB typical with ILS = 22mA.
- The sidetone network ZST is set to be lower than 20dB (Vear/Vmic) on a 600
Ω load on line.
- The DC characteristics are set by a resistor of 82k
Ω between VL and VS.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
Authorized Voltage on
Pin 2 - RECIN
Pin 3 - SN
Pin 8 - VCC
Pin 10 - IVLS
Pin 12 - VL
Pin 13 - VMC
Pin 17 - BUZ
Pin 18 - VRING
Pin 19 - RES
Pin 20 - PON
Pin 21 - RI
Pin 22 - OSC
Pin 23 - MSK
Pin 24 - DATA
Pin 25 - DCL
Pin 26 - VRMC
13
12
11
6
12
6
VRING +0.3, GND -0.3
27
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
VRMC +0.3, GND -0.3
5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
ILINE
Line Current
120
mA
IRING
Ring Current
50
mA
Toper
Operating Temperature
-25, +70
°C
Tstg
Storage Temperature
-55, +150
°C
Tj
Junction Temperature
-25, +150
°C
DC Characteristics (Tamb =25
°C ; Logic in Default Mode unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VL
Line Voltage
- In Speech and DTMF Mode
- In Mask Mode
Test 1
IL = 22mA
IL = 90mA
IL = 22mA
4
6.7
4.6
7.5
5.2
8.3
3
V
V
V
IVRMC
Stabilized Supply Voltage
- Output Current
Test 1, IL = 22mA
1.5
mA
VRMC
- Output Voltage
IRMC = 1.5mA
3.15
3.35
3.55
V
IVMC
Unstabilized Supply Voltage
- Start up Current
- Output Current
Test 1, IL = 22mA
VMC = 2.5V, IVRMC = 1.5mA
VMC = 3.6V, IVRMC = 0mA
10
15
3
mA
mA
ILS
Line Current Source Supply
Test 1, VLS =0V ; VMC = 3.6V
IL = 22mA
IL = 90mA
10
67
14
75
18
82
mA
mA
The line current source supply depends of IL :
- For IL < 20mA : ILS (mA) = 0.765 x IL (mA) - 1.4mA
- For IL > 20mA : ILS (mA) = 0.92 x IL (mA) - 4.5mA
On this pin the maximum output level is : V10 =V12 - (1.2 + 10 x ILS) and V10 <6V
TEA7089A
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com