Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1325 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC1325
Description  POWER TRANSISTORS(6.0A,1500V,80W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC1325 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC1325 Datasheet HTML 1Page - Mospec Semiconductor 2SC1325 Datasheet HTML 2Page - Mospec Semiconductor 2SC1325 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - 2SC1325

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC1325 ISC-2SC1325 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1325 SAVANTIC-2SC1325 Datasheet
108Kb / 3P
Silicon NPN Power Transistors
2SC1325 SAVANTIC-2SC1325 Datasheet
110Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1325

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6040 MOSPEC-2N6040 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
2N6497 MOSPEC-2N6497 Datasheet
179Kb / 4P
POWER TRANSISTORS(5A,80W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
POWER TRANSISTORS(4.5A,1500V,50W)
2SD1426 MOSPEC-2SD1426 Datasheet
125Kb / 3P
POWER TRANSISTORS(3.5A,1500V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
POWER TRANSISTORS(2.5A,1500V,50W)
2SD870 MOSPEC-2SD870 Datasheet
124Kb / 3P
POWER TRANSISTORS(5A,1500V,50W)
2SD871 MOSPEC-2SD871 Datasheet
118Kb / 3P
POWER TRANSISTORS(6A,1500V,50W)
2SD897A MOSPEC-2SD897A Datasheet
123Kb / 3P
POWER TRANSISTORS(1.5A,1500V,50W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com