Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKTF18012HKP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSKTF18012HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF18012HKP Datasheet(HTML) 1 Page - Vishay Siliconix

  VSKTF18012HKP Datasheet HTML 1Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 2Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 93685
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 22-Apr-08
1
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 180 A
VSK.F180..P Series
Vishay High Power Products
FEATURES
• Fast turn-off thyristor
• Fast recovery diode
• High surge capability
• Electrically isolated baseplate
• 3000 VRMS isolating voltage
• Industrial standard package
• Lead (Pb)-free
• UL E78996 approved
DESCRIPTION
These series of MAGN-A-PAKTM modules are intended for
applications
such
as
self-commutated
inverters,
DC
choppers, electronic welders, induction heating and others
where fast switching characteristics are required.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
180 A
MAGN-A-PAKTM
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IT(AV)
180
A
TC
85
°C
IT(RMS)
400
A
ITSM
50 Hz
7130
60 Hz
7470
I2t
50 Hz
255
kA2s
60 Hz
232
I2
√t
2550
kA2
√s
tq
20/25
µs
trr
2
VDRM/VRRM
Up to 1200
V
TJ
Range
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM MAXIMUM
AT TJ = 125 °C
mA
VSK.F180-
08
800
800
50
12
1200
1200


Similar Part No. - VSKTF18012HKP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
03-Jun-08
VSKTF200-08HKP VISHAY-VSKTF200-08HKP Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSKTF200-12HKP VISHAY-VSKTF200-12HKP Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSKTF20012HJP VISHAY-VSKTF20012HJP Datasheet
204Kb / 9P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
03-Jun-08
More results

Similar Description - VSKTF18012HKP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKTF180 IRF-IRKTF180 Datasheet
230Kb / 8P
FAST THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR (MAGN-A-pak Power Modules)
IRKF180 IRF-IRKF180 Datasheet
241Kb / 8P
FAST THYRISTOR/ DIODE and MAGN-A-pak Power Modules THYRISTOR/ THYRISTOR
logo
Vishay Siliconix
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
12-Aug-08
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
03-Jun-08
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
20-Mar-08
VSKTF200-12HKP VISHAY-VSKTF200-12HKP_10 Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSK.F180P VISHAY-VSK.F180P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor(MAGN-A-PAK Power Modules), 180 A
19-Jul-10
VSK.F200P VISHAY-VSK.F200P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
VSKF180P VISHAY-VSKF180P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 180 A
19-Jul-10
VSKF200P VISHAY-VSKF200P Datasheet
1Mb / 11P
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAK Power Modules), 200 A
19-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com