Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKTF18012HKP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSKTF18012HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF18012HKP Datasheet(HTML) 3 Page - Vishay Siliconix

  VSKTF18012HKP Datasheet HTML 1Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 2Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93685
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 22-Apr-08
3
VSK.F180..P Series
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 180 A
Vishay High Power Products
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
KJ
Maximum non-repetitive rate of rise
dI/dt
Gate drive 20 V, 20
Ω, t
r ≤ 1 ms, VD = 80 % VDRM
TJ = 25 °C
800
A/µs
Maximum recovery time
trr
ITM = 350 A, dI/dt = - 25 A/µs, VR = 50 V, TJ = 25 °C
2
µs
Maximum turn-off time
tq
ITM = 750 A; TJ = 125 °C; dI/dt = - 25 A/µs;
VR = 50 V; dV/dt = 400 V/µs linear to 80 % VDRM
20
25
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise
of off-state voltage
dV/dt
TJ = 125 °C, exponential to 67 % VDRM
1000
V/µs
RMS insulation voltage
VINS
50 Hz, circuit to base, all terminals shorted, 25 °C, 1 s
3000
V
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = 125 °C, rated VDRM/VRRM applied
50
mA
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
f = 50 Hz, d% = 50
60
W
Maximum peak average gate power
PG(AV)
TJ = 125 °C, f = 50 Hz, d% = 50
10
Maximum peak positive gate current
IGM
TJ = 125 °C, tp ≤ 5 ms
10
A
Maximum peak negative gate voltage
- VGM
5V
Maximum DC gate current required to trigger
IGT
TJ = 25 °C, Vak 12 V, Ra = 6
200
mA
DC gate voltage required to trigger
VGT
3V
DC gate current not to trigger
IGD
TJ = 125 °C, rated VDRM applied
20
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating
temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance,
junction to case per junction
RthJC
DC operation
0.125
K/W
Maximuml thermal resistance,
case to heatsink per module
RthCS
Mounting surface, flat and greased
0.02
Mounting torque ± 10 %
MAP to heatsink
Amounting compound is recommended. The torque
should be rechecked after a period of 3 hours to
allow for the spread of the compound. Use of cable
lugs is not recommended, busbar should be used
and restrained during tightening. Threads must be
lubricated with a compound.
4 to 6
(35 to 53)
N · m
(lbf · in)
busbar to MAP
Approximate weight
500
g
17.8
oz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com