Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSKTF18012HKP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKTF18012HKP
Description  Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKTF18012HKP Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKTF18012HKP Datasheet HTML 1Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 2Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 3Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 4Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 5Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 6Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 7Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 8Page - Vishay Siliconix VSKTF18012HKP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93685
4
Revision: 22-Apr-08
VSK.F180..P Series
Vishay High Power Products
Fast Thyristor/Diode and Thyristor/Thyristor
(MAGN-A-PAKTM Power Modules), 180 A
Note
• Table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTIONS ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.009
0.006
TJ = 125 °C
K/W
120°
0.010
0.011
90°
0.014
0.015
60°
0.020
0.020
30°
0.032
0.033
60
70
80
90
100
110
120
130
0
40
80
120
160
200
30°
60°
90°
120°
180°
A ve rag e O n -state C urre n t (A )
Cond uc tio n Angle
VSK.F180.. Series
R
(DC) = 0.125 K/W
thJC
60
70
80
90
100
110
120
130
0
50
100
150
200
250
300
DC
30°
60°
90°
120°
180°
Averag e O n -state C urren t (A )
Co n d uc tio n P e riod
VSK.F180.. Se ries
R
(D C ) = 0 .1 2 5 K /W
thJ C
0
50
100
150
200
250
300
350
0
20
40
60
80 100 120140 160180
RM S Lim it
Cond uc tio n An g le
Ave ra g e O n -sta te C urre n t (A)
180°
120°
90°
60°
30°
VSK.F1 80 .. Series
Per Ju n ctio n
T
= 1 25 °C
J
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
DC
180°
120°
90°
60°
30°
RM S Lim it
Cond u c tion Pe riod
A verag e O n -sta te C urre n t (A )
VSK.F18 0.. Series
Per Junctio n
T
= 12 5 °C
J



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com