Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # STC
Description  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC Datasheet(HTML) 5 Page - Vishay Siliconix

  STC Datasheet HTML 1Page - Vishay Siliconix STC Datasheet HTML 2Page - Vishay Siliconix STC Datasheet HTML 3Page - Vishay Siliconix STC Datasheet HTML 4Page - Vishay Siliconix STC Datasheet HTML 5Page - Vishay Siliconix STC Datasheet HTML 6Page - Vishay Siliconix STC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 43006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Dec-07
95
STC
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
Vishay Sprague
STANDARD RATINGS - NON-POLAR CAPACITORS
CAPACITANCE
(µF)
MAX.
DF (%)
MAX. DCL
AT + 25 °C (µA)
CASE
CODE
PART
NUMBER
15 WVDC AT + 85 °C
2.2
6
1.0
N1
STC2.2-15N1 (1)M
6.8
6
2.0
N2
STC6.8-15N2 (1)M
10
6
3.0
N3
STC10-15N3 (1)M
22
6
6.0
N4
STC22-15N4 (1)M
20 WVDC AT + 85 °C
1.5
6
1.0
N1
STC1.5-20N1 (1)M
4.7
6
2.0
N2
STC4.7-20N2 (1)M
6.8
6
3.0
N3
STC6.8-20N3 (1)M
15
6
6.0
N4
STC15-20N4 (1)M
25 WVDC AT + 85 °C
1.0
6
1.0
N1
STC1.0-25N1 (1)M
2.2
6
2.0
N2
STC2.2-25N2 (1)M
3.3
6
2.0
N2
STC3.3-25N2 (1)M
4.7
6
3.0
N3
STC4.7-25N3 (1)M
10
6
6.0
N4
STC10-25N4 (1)M
35 WVDC AT + 85 °C
0.68
6
1.0
N1
STC.68-35N1 (1)M
Note:
(1) Add A for axial, R for radial
MARKING
STC Capacitors case sizes C3 - C6 and N2 - N4 are
print marked:
- Capacitance is in picofarads
- 1st and 2nd digits are significant figures
- 3rd digit indicates the number of zeros.
All other case sizes are have color dot marking:
Capacitance
Color
Digit
In picofarads, indicated by 3 dots.
1st and 2nd dot give the significant
digits.
3rd dot indicates the number of
zeros.
Color dot location is shown on the
dimensional sketches.
Black dot is omitted on black sleeve.
Black
0
Brown
1
Red
2
Orange
3
Yellow
4
Green
5
Capacitance Tolerance
Color
Tolerance
Blue
6
Is indicated by a dot on
the side of the case.
Black dot is omitted.
Gold
± 5 %
Violet
7
Silver
± 10 %
Grey
8
None
± 20 %
White
9
None
+ 40 %/- 20 %
The positive lead is indicated by a color dot of red
epoxy on the unit.
e.g. Yellow-Violet-Green = 4 700 000 pf
= 4.7 µF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com