Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # STC
Description  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC Datasheet(HTML) 1 Page - Vishay Siliconix

  STC Datasheet HTML 1Page - Vishay Siliconix STC Datasheet HTML 2Page - Vishay Siliconix STC Datasheet HTML 3Page - Vishay Siliconix STC Datasheet HTML 4Page - Vishay Siliconix STC Datasheet HTML 5Page - Vishay Siliconix STC Datasheet HTML 6Page - Vishay Siliconix STC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 43006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Dec-07
91
STC
Vishay Sprague
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
FEATURES
• Subminiature package size and light weight
• Rectangular case with axial or radial leads
• 2 to 35 V
DC
• 0.1 µF to 470 µF
• Operating temperature range: - 55 °C to + 125 °C
• High stability and reliability
• Tested in accordance with MIL-PRF-49137
• Unique and comprehensive custom design capability
ELECTRICAL CHARACTERISTICS
Operating temperature range: - 55 °C to + 125 °C
Capacitance: Measured at 120 Hz and 25 °C with a
maximum of 2.2 VDC bias and 1.0 Vrms signal.
Capacitance Tolerance: Standard tolerance is ± 20 % for
ratings 0.1 µF and above, and + 40, - 20 % for ratings below
0.1 µF. Special tolerances are also available.
Dissipation Factor: When measured simultaneously with
capacitance, DF shall not exceed the value shown in the
ratings tables.
DC Leakage Current (DCL Max.):
When measured with DC voltage applied through a 1000
Ω
resistor for 5 min, DC leakage (µA) shall not exceed:
At 25 °C: Leakage current shall not exceed the values listed
in the Standard Ratings Tables
At 85 °C: Leakage current shall not exceed 10 times the
values listed in the Standard Ratings Tables
At 125 °C and 66 % of Rated Voltage: Leakage current
shall not exceed 15 times the values listed in the Standard
Ratings Tables
Operating Voltage: Full working voltage up to 85 °C. From
85 °C to 125 °C working voltage derates linearly to 66 % of
the 85 °C working voltage
APPLICATIONS
• Hearing aids
• Portable communications
• Space/avionics
• Laptop computers
MECHANICAL SPECIFICATIONS
Solder coated nickel leads (type N32 per MIL-STD-1276) are
standard on all case sizes
Leads are weldable and/or solderable
Special leads are available on request (e.g. bare nickel, gold
plated nickel or ribbon leads)
Lead length is 1 1/2" [38.1 mm] minimum on nonpolar parts
On polar parts the negative lead is 1 1/4" [31.8 mm] minimum
and the positive lead is 1 1/2" [38.1 mm] minimum
Note:
(1) To complete part number in rating tables, add A or R.
Change suffix if special capacitance tolerance is required.
ORDERING INFORMATION
STC
1.0
35
C2
A (1)
M
MODEL
CAPACITANCE
IN
µF
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
LEAD
CONFIGURATION
CAPACITANCE
TOLERANCE
C = Polar
N = Non-polar
A = Axial
R = Radial
E = + 40, - 20 %
M = ± 20 %
K = ± 10 %
J = ± 5 %
Example of Part Number Code: STC1.0-35C2AM


Similar Part No. - STC

ManufacturerPart #DatasheetDescription
logo
Eravant
STC-11417400-06-C1 ERAVANT-STC-11417400-06-C1 Datasheet
280Kb / 3P
D-Band Down-Converter, 110 to 170 GHz
Rev 1.2
logo
Micro Electronics
STC-1506-2R4 MICRO-ELECTRONICS-STC-1506-2R4 Datasheet
202Kb / 1P
SMD POWER INDUCTORS
STC-1606-2R4 MICRO-ELECTRONICS-STC-1606-2R4 Datasheet
202Kb / 1P
SMD POWER INDUCTORS
logo
Eravant
STC-20-06-S1 ERAVANT-STC-20-06-S1 Datasheet
322Kb / 3P
D-Band Full Waveguide Band Down-Converter
Rev 1.5
STC-20-08-S1 ERAVANT-STC-20-08-S1 Datasheet
320Kb / 3P
F-Band Full Waveguide Band Down-Converter
Rev 1.4
More results

Similar Description - STC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
Subminiature, Leaded Solid Tantalum Capacitors
13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
Subminiature, Leaded Solid Tantalum Capacitors
17-Apr-02
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
logo
Vishay Siliconix
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
Subminiature, Leaded Solid Tantalum Capacitors
09-Mar-12
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
05-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
26-Aug-14
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
Bi-Polar/ non-polar 2000 hrs
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
227CKE010M ILLINOISCAPACITOR-227CKE010M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
227CKE100M ILLINOISCAPACITOR-227CKE100M Datasheet
135Kb / 1P
Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com