Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # STC
Description  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC Datasheet(HTML) 6 Page - Vishay Siliconix

  STC Datasheet HTML 1Page - Vishay Siliconix STC Datasheet HTML 2Page - Vishay Siliconix STC Datasheet HTML 3Page - Vishay Siliconix STC Datasheet HTML 4Page - Vishay Siliconix STC Datasheet HTML 5Page - Vishay Siliconix STC Datasheet HTML 6Page - Vishay Siliconix STC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
STC
Vishay Sprague
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 43006
96
Revision: 10-Dec-07
PERFORMANCE AND RELIABILITY
The capacitors are tested in accordance with MIL-PRF-
49137, with specific requirements as follows:
Temperature Stability: When tested per MIL-PRF-49137/
6, capacitance shall be within ± 15 % at - 55 °C and 85 °C,
and ± 10 % at 25 °C after exposure to temperature extremes.
DF shall be within 200 % of initial limit at - 55 °C, 150 % of
initial limit at 85 °C, and meet the initial at 25 °C. DCL shall
be within 10 x initial limit at 85 °C, and meet the initial
limit at 25 °C.
Moisture Resistance: (per Method 106 of MIL-STD-202)
After 10 cycles of 24 h at 25 °C to 65 °C and 80 - 98 % RH;
capacitance shall be within ± 15 % of initial value, DF within
1.5 x initial limit and leakage within 3 x initial limit.
Life: (per Method 108 of MIL-STD-202) after 1000 h at 85 °C
and rated voltage; capacitance shall be within ± 10 % of
initial limit, DF within initial limits, and leakage within
200 % of initial limit.
Surge Voltage: (per MIL-PRF-49317) After 1000 cycles at
85 °C and 1.3 x WVDC; capacitance shall be within ± 10 %
of initial limit, DF and leakage within initial limits.
Resistance to Soldering Heat: (per Method 210 of
MIL-STD-202, Condition B) After immersion in 260 °C molten
solder to within a 1/4” of the body of the unit, there shall be
no evidence of mechanical or electrical degradation.
Solderability: (per Method 208 of MIL-STD-202) After
dipping leads in 235 °C molten solder to within 0.125" of the
body of the unit, the solder shall cover 95 % of the lead
surface.
Terminal Strength: (per Method 211 of MIL-STD-202) After
the following test there shall be no loosening of the terminals
or permanent damage to the terminals. Test Condition A:
(Pull Test) 0.010" leads withstand 1 pound, 0.016"
leads 2 pounds and 0.007" leads 1/2 pound. Test Condition
C: (Bend Test) All leads shall withstand 3 - 90° bends with a
1/2 pound applied force.
CAPACITANCE VS. TEMPERATURE
IMPEDANCE VS. FREQUENCY
LEAKAGE CURRENT - TEMPERATURE
1.0
0.1
0.01
- 40
- 10
0
+ 85
+ 20
(MFD-WVDC)
TEMPERATURE °C
1 µF-20 V
100 µF-10 V
+ 10
+ 5
0
- 5
- 10
- 40
- 10
+ 25
+ 100
+ 85
(MFD-WVDC)
SPECIFICA
TION
SPECIFICA
TION
TYPICAL
100
µF
- 10
V
100
µF
- 10
V
1 µH
- 20
V
TEMPERATURE °C
100
500 1
2
5
10 20 50 100
500
1
2
5
10
Hz
kHz
FREQUENCY
kHz
MHz
(MFD-WVDC)
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1K
2K
5K
10K
0.047
µF-20
V
0.047
µF-20
V
0.047
µF-35
V
0.047
µF-3
5 V
4.7
µF-10
V
4.7
µF-20
V
0.047
µF-5
0 V
4.7
µF-20
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com