Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT200S Datasheet(PDF) 3 Page - STMicroelectronics

Part # THBT200S
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT200S Datasheet(HTML) 3 Page - STMicroelectronics

  THBT200S Datasheet HTML 1Page - STMicroelectronics THBT200S Datasheet HTML 2Page - STMicroelectronics THBT200S Datasheet HTML 3Page - STMicroelectronics THBT200S Datasheet HTML 4Page - STMicroelectronics THBT200S Datasheet HTML 5Page - STMicroelectronics THBT200S Datasheet HTML 6Page - STMicroelectronics THBT200S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Ipp
I
V
IBO
IH
VRM VBR VBO
IRM
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at VRM
VBR
Continuous reverse voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS (Tamb =25
°C).
IRM
@VRM
VBR @IR
VBO @ IBO
IH
C
max.
min.
max.
min.
max.
min.
max.
note 1
note 2
note 3
µA
V
V
mA
V
mA
mA
mA
pF
10
180
200
1
290
150
800
150
200
Note 1 :
See reference test circuit 1 for IBO and VBO parameters.
Note 2 :
See test circuit 2.
Note 3 :VR = 1V, F = 1MHz.
PARAMETERS RELATED TO ONE TRISIL (Between TIP and GND or RING and GND)
®
THBT200S
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com