Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT200S Datasheet(PDF) 6 Page - STMicroelectronics

Part # THBT200S
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT200S Datasheet(HTML) 6 Page - STMicroelectronics

  THBT200S Datasheet HTML 1Page - STMicroelectronics THBT200S Datasheet HTML 2Page - STMicroelectronics THBT200S Datasheet HTML 3Page - STMicroelectronics THBT200S Datasheet HTML 4Page - STMicroelectronics THBT200S Datasheet HTML 5Page - STMicroelectronics THBT200S Datasheet HTML 6Page - STMicroelectronics THBT200S Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
I
H [Tj ]
I
H [Tj =25°C]
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
T
j (°C)
Fig. 1 : Relative variation of holding current versus
junction temperature.
I
(A)
TSM
t(s)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
10
20
30
40
F=50Hz
Tj initial=25
°C
Fig. 2 : Surge peak current versus overload dura-
tion.
Fig. 3 : Peak on state voltage versus peak on state
current (typical values).
1
10
100
200
10
100
1000
Fig. 4 : Capacitance versus reverse applied volt-
age (typical values).
®
THBT200S
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com