Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THD200FI Datasheet(PDF) 1 Page - STMicroelectronics

Part # THD200FI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THD200FI Datasheet(HTML) 1 Page - STMicroelectronics

  THD200FI Datasheet HTML 1Page - STMicroelectronics THD200FI Datasheet HTML 2Page - STMicroelectronics THD200FI Datasheet HTML 3Page - STMicroelectronics THD200FI Datasheet HTML 4Page - STMicroelectronics THD200FI Datasheet HTML 5Page - STMicroelectronics THD200FI Datasheet HTML 6Page - STMicroelectronics THD200FI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
THD200FI
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
HIGH VOLTAGE CAPABILITY
s
VERY HIGH SWITCHING SPEED
s
U.L. RECOGNISED ISOWATT218 PACKAGE
(U.L. FILE # E81734 (N))
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR
MONITORS
DESCRIPTION
The
THD200FI
is
manufactured
using
Multiepitaxial Mesa technology for cost-effective
high performance and uses a Hollow Emitter
structure to enhance switching speeds.
The THD series is designed for use in horizontal
deflection circuits in televisions and monitors.
INTERNAL SCHEMATIC DIAGRAM
December 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
VCBO
Collect or-Base Voltage (IE = 0)
1500
V
VCEO
Collect or-Emitt er Voltage (IB = 0)
700
V
VEBO
Emitt er-Base Voltage (IC =0)
10
V
IC
Collect or Current
10
A
ICM
Collect or Peak Current (tp <5 ms)
20
A
IB
Base Current
5
A
IBM
Base Peak Current (tp <5 ms)
10
A
Ptot
Total Dissipation at Tc =25
oC57
W
Tstg
St orage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
ISOWATT218
®
1/7


Similar Part No. - THD200FI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
THD2048HT DELTA-THD2048HT Datasheet
708Kb / 12P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - THD200FI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com