Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THD200FI Datasheet(PDF) 6 Page - STMicroelectronics

Part # THD200FI
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THD200FI Datasheet(HTML) 6 Page - STMicroelectronics

  THD200FI Datasheet HTML 1Page - STMicroelectronics THD200FI Datasheet HTML 2Page - STMicroelectronics THD200FI Datasheet HTML 3Page - STMicroelectronics THD200FI Datasheet HTML 4Page - STMicroelectronics THD200FI Datasheet HTML 5Page - STMicroelectronics THD200FI Datasheet HTML 6Page - STMicroelectronics THD200FI Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.211
0.222
C
3.30
3.80
0.130
0.150
D
2.90
3.10
0.114
0.122
D1
1.88
2.08
0.074
0.082
E
0.75
0.95
0.030
0.037
F
1.05
1.25
0.041
0.049
F2
1.50
1.70
0.059
0.067
F3
1.90
2.10
0.075
0.083
G
10.80
11.20
0.425
0.441
H
15.80
16.20
0.622
0.638
L
9
0.354
L1
20.80
21.20
0.819
0.835
L2
19.10
19.90
0.752
0.783
L3
22.80
23.60
0.898
0.929
L4
40.50
42.50
1.594
1.673
L5
4.85
5.25
0.191
0.207
L6
20.25
20.75
0.797
0.817
N
2.1
2.3
0.083
0.091
R
4.6
0.181
DIA
3.5
3.7
0.138
0.146
P025C/A
ISOWATT218 MECHANICAL DATA
- Weight : 4.9 g (typ.)
- Maximum Torque (applied to mounting flange) Recommended: 0.8 Nm; Maximum: 1 Nm
- The side of the dissipator must be flat within 80
µm
THD200FI
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com